Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82720K2301N042 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82720K2301N042
Description  Power line chokes Current-compensated ring core double chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82720K2301N042 Datasheet(HTML) 2 Page - TDK Electronics

  B82720K2301N042 Datasheet HTML 1Page - TDK Electronics B82720K2301N042 Datasheet HTML 2Page - TDK Electronics B82720K2301N042 Datasheet HTML 3Page - TDK Electronics B82720K2301N042 Datasheet HTML 4Page - TDK Electronics B82720K2301N042 Datasheet HTML 5Page - TDK Electronics B82720K2301N042 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated current 0.3 ... 2 A
Rated inductance 1.1 ... 22 mH
Construction
Current-compensated ring core double choke
Ferrite core with epoxy coating (UL 94 V-0)
Polycarbonate case (UL 94 V-0)
Polyurethane potting (UL 94 V-0)
Sector winding
Features
High resonance frequency due to special winding technique
Approx. 0.7% stray inductance for symmetrical interference suppression
Suitable for wave soldering
Design complies with UL 1283 and EN 60938-2 (VDE 0565-2)
UL1) and ENEC (VDE) approvals
RoHS-compatible
Applications
Suppression of common-mode interferences
Compact electronic ballasts in lamps
Compact switch-mode power applications
Terminals
Base material CuNi18Zn20
Layer composition Ni, Sn
Hot-dipped
Pins 0.5
 0.5 (mm),  0.6 mm
Pins in the lead spacing 10
 7.5 (mm) or 10  10 (mm)
Marking
Manufacturer, ordering code, rated inductance, rated current,
graphic symbol, rated voltage, date of manufacture (YYWWD)
Delivery mode
Cardboard box
1) UL approval with 300 V AC
B82720A
B82720K
B82720A/K
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82720K2301N042

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Data and signal line chokes
B82720K2301N042 EPCOS-B82720K2301N042 Datasheet
111Kb / 6P
   Power line chokes
More results

Similar Description - B82720K2301N042

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82720S2102N040 TDK-B82720S2102N040 Datasheet
812Kb / 8P
   Power line chokes Current-compensated SMD ring core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
B82721A2152N001 TDK-B82721A2152N001 Datasheet
286Kb / 9P
   Current-compensated ring core double chokes
B82724A2102N001 TDK-B82724A2102N001 Datasheet
803Kb / 9P
   Current-compensated ring core double chokes
B82725S2103N003 TDK-B82725S2103N003 Datasheet
748Kb / 6P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com