Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTA1505E3-0-UB-S Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BTA1505E3-0-UB-S
Description  PNP Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1505E3-0-UB-S Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BTA1505E3-0-UB-S Datasheet HTML 1Page - Cystech Electonics Corp. BTA1505E3-0-UB-S Datasheet HTML 2Page - Cystech Electonics Corp. BTA1505E3-0-UB-S Datasheet HTML 3Page - Cystech Electonics Corp. BTA1505E3-0-UB-S Datasheet HTML 4Page - Cystech Electonics Corp. BTA1505E3-0-UB-S Datasheet HTML 5Page - Cystech Electonics Corp. BTA1505E3-0-UB-S Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C655E3
Issued Date : 2016.01.28
Revised Date :
Page No. : 4/6
BTA1505E3
CYStek Product Specification
Typical Characteristics(Cont.)
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
-IC, Collector Current(mA)
-40°C
0°C
25°C
85°C
140°C
VBEON@VCE=-4V
Built-in Diode Characteristics
100
1000
10000
1
10
100
1000
10000
-IF, Forward Current(mA)
-40°C
0°C
25°C
85°C
140°C
Capacitance vs Reverse-Biased Voltage
10
100
1000
0.1
1
10
100
Reverse-Biased Voltage---(V)
Cob
Cib
Power Derating Curve
0
5
10
15
20
25
0
25
50
75
100
125
150
175
TC, CaseTemeprature(℃)
Power Derating Curve
0
0.5
1
1.5
2
2.5
0
25
50
75
100
125
150
175
TA, Ambient Temeprature(℃)


Similar Part No. - BTA1505E3-0-UB-S

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BTA15 SIRECTIFIER-BTA15 Datasheet
267Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Global Corp...
BTA15 SIRECT-BTA15 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Sirectifier Semiconduct...
BTA15-1000 SIRECTIFIER-BTA15-1000 Datasheet
371Kb / 4P
   Discrete Triacs
BTA15-1200 SIRECTIFIER-BTA15-1200 Datasheet
371Kb / 4P
   Discrete Triacs
BTA15-200 SIRECTIFIER-BTA15-200 Datasheet
371Kb / 4P
   Discrete Triacs
More results

Similar Description - BTA1505E3-0-UB-S

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com