Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBNP5213N6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # HBNP5213N6
Description  NPN AND PNP Dual Epitaxial Planar Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBNP5213N6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  HBNP5213N6 Datasheet HTML 1Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 2Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 3Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 4Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 5Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 6Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 7Page - Cystech Electonics Corp. HBNP5213N6 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C627N6
Issued Date : 2013.10.17
Revised Date :
Page No. : 2/8
HBNP5213N6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25°C)
Limits
Parameter
Symbol
NPN
PNP
Unit
Collector-Base Voltage
VCBO
100
-100
V
Collector-Emitter Voltage
VCEO
80
-80
V
Emitter-Base Voltage
VEBO
7
-7
V
Collector Current(DC)
(Note 1)
IC
1
-1
A
Peak Collector Current
(Note 2)
ICP
2
-2
A
Peak Base Current
(Note 2)
IBP
200
-200
mA
Pd
1.14
W
Total Power Dissipation (Note 1)
Linear Derating Factor
0.01
W /
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient (Note 1)
Rth,ja
110
°C/W
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec; 180
°C/W when mounted on minimum copper pad
2.
Pulse width limited by maximum junction temperature
NPN Electrical Characteristics (Tj=25°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
100
-
-
V
IC=50μA
BVCEO
80
-
-
V
IC=1mA
BVEBO
7
-
-
V
IE=50μA
ICBO
-
-
100
nA
VCB=100V, IE=0
IEBO
-
-
100
nA
VEB=7V, IC=0
*VCE(SAT)
-
0.15
0.3
V
IC=500mA, IB=20mA
*VCE(SAT)
-
-
0.5
V
IC=1A, IB=50mA
*VBE(SAT)
-
-
1.2
V
IC=1A, IB=50mA
*hFE 1
180
-
390
-
VCE=10V, IC=150mA
*hFE 2
60
-
-
-
VCE=10V, IC=500mA
fT
150
230
-
MHz
VCE=10V, IC=50mA, f=100MHz
Cob
-
6
15
pF
VCB=10V, IE=0A, f=1MHz
*Pulse Test: Pulse Width
≤380
μs, Duty Cycle≤2%


Similar Part No. - HBNP5213N6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNP5213G6 CYSTEKEC-HBNP5213G6 Datasheet
347Kb / 9P
   NPN AND PNP Dual Epitaxial Planar Transistors
More results

Similar Description - HBNP5213N6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBNP5213G6 CYSTEKEC-HBNP5213G6 Datasheet
347Kb / 9P
   NPN AND PNP Dual Epitaxial Planar Transistors
HBNP2227N6 CYSTEKEC-HBNP2227N6 Datasheet
630Kb / 11P
   NPN AND PNP Dual Epitaxial Planar Transistors
logo
Weitron Technology
WTM772 WEITRON-WTM772 Datasheet
206Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTP772 WEITRON-WTP772 Datasheet
274Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
WTS772 WEITRON-WTS772 Datasheet
237Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772 Datasheet
263Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
2SB772 WEITRON-2SB772_07 Datasheet
716Kb / 5P
   PNP / NPN Epitaxial Planar Transistors
WTD772 WEITRON-WTD772 Datasheet
267Kb / 5P
   PNP/NPN Epitaxial Planar Transistors
logo
Cystech Electonics Corp...
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com