Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDC-100 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LDC-100
Description  100W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDC-100 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LDC-100 Datasheet HTML 1Page - MicroPower Direct, LLC LDC-100 Datasheet HTML 2Page - MicroPower Direct, LLC LDC-100 Datasheet HTML 3Page - MicroPower Direct, LLC LDC-100 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Compact, LED, 100W
Constant Current
AC/DC Power Supply
Key Features:
100W Output Power
UL 8750 Approved
Constant Current Output
Active PFC
90 - 305 VAC Input
IP65 / IP67 Rated
Meets EN 55015, EN 61547
Dimming Function
>50 kHour Life Expectancy
Lightning Surge Protection
Over Volt/Temp Protection
LDC-100 Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
90
305
VAC
127
431
VDC
Input Frequency
47
63
Hz
Inrush Current, See Note 1
230 VAC
75
A Pk
Input Current
115 VAC
1.60
A
230 VAC
0.80
264 VAC
0.70
Power Factor Correction
0.98 @ 115 VAC
0.95 @ 230 VAC
0.93 @ 264 VAC
Total Harmonic Distortion (THD)
See Note 2
10
%
Turn On Delay, See Note 3
115 VAC
1.5
S
230 VAC
0.5
Leakage Current
277 VAC
0.75
mA
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Current Accuracy
±5.0
%
Line Regulation
VIN = Min to Max
±1.0
%
Ripple & Noise (20 MHz)
See Note 4
2.0
V P-P
Output Ripple Current
±5.0
%
Hold-Up Time
115 VAC
12.0
mS
Over Temperature Protection
±10%, Autorecovery
85
°C
Short Circuit Protection
Continuous (Autorecovery)
Overload Protection
Autorecovery
95
107
%IOUT
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage, 60S
Input to Output
3,750
VAC
Input to FG
2,000
Output to FG
500
Insulation Resistance
Input to Output
100 M
/ 500 VDC / 25°C / 70% RH
Input to FG
Output to FG
EMI Characteristics
Parameter
Standard
EMI
EN 55015; EN 6100-3-2, -3; FCC Part 18; CNS 14115; GB 17743
EMS
EN 61547; EN 61000-4-2,-3, -4, -5, -6, -8, -11; GB 17625.1
Surge
10 kV (L/N - FG), 5 kV (L-N)/1.2 x 50 µS
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+70
°C
Storage Temperature Range
-40
+85
°C
Cooling
Free Air Convection (See Derating Curve on Page 2)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagrams (Page 4)
Weight
32.1 Oz (950g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
220
kHours
Life Expectancy
See Note 5
50
kHours
Safety Standards
UL 8750 Approved, Meets EN 61347, GB 19510.1, GB 19510.14
Vibration
5 - 500 Hz, 1G , 1 Oct/Min, 2 Cycles, Period for 75 Min. Each Along X, Y, & Z Axis


Similar Part No. - LDC-100

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDC-120 MPD-LDC-120 Datasheet
1Mb / 4P
   150W Output Power
LDC-120-0350x MPD-LDC-120-0350x Datasheet
1Mb / 4P
   150W Output Power
LDC-120-0500x MPD-LDC-120-0500x Datasheet
1Mb / 4P
   150W Output Power
LDC-120-0700x MPD-LDC-120-0700x Datasheet
1Mb / 4P
   150W Output Power
LDC-120-1050x MPD-LDC-120-1050x Datasheet
1Mb / 4P
   150W Output Power
More results

Similar Description - LDC-100

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LBC-100 MPD-LBC-100 Datasheet
1Mb / 4P
   100W Output Power
logo
Mean Well Enterprises C...
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100 Datasheet
666Kb / 3P
   100W Quad Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
   100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
   100W Single Output Switching Power Supply
NED-100_0809 MEANWELL-NED-100_0809 Datasheet
417Kb / 2P
   100W Dual Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
   100W Single Output Switching Power Supply
PQ-100 MEANWELL-PQ-100_12 Datasheet
669Kb / 3P
   100W Quad Output Switching Power Supply
HVGC-100 MEANWELL-HVGC-100_12 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com