Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPU-600CS-48YYZ Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPU-600CS-48YYZ
Description  Compact 600W Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU-600CS-48YYZ Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPU-600CS-48YYZ Datasheet HTML 1Page - MicroPower Direct, LLC MPU-600CS-48YYZ Datasheet HTML 2Page - MicroPower Direct, LLC MPU-600CS-48YYZ Datasheet HTML 3Page - MicroPower Direct, LLC MPU-600CS-48YYZ Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
Model Selection Guide
Model
Number
Output Voltage (VDC)
Output
Current With
25 CFM
(Max A)
Max.
Output
Power
(W)
Ripple
& Noise
(% p-p)
Efficiency
(%)
PreSet
Range
MPU-600CS-12YYZ
12 VDC
11.0 - 13.0
50.00
600
±1%
80%
MPU-600CS-24YYZ
24 VDC
22.0 - 25.0
25.00
600
±1%
80%
MPU-600CS-48YYZ
48 VDC
41.0 - 50.0
12.50
600
±1%
80%
Notes:
1. Output regulation includes line & load.
2. Ripple & noise is measured from 10 Hz to 20 MHz. Connection to the unit is made with
a 0.1 µF ceramic capacitor & a 22 µF electrolytic capacitor connected in parallel.
3. A 1% minimum load is required to maintain regulation & ripple specifications.
4. Transient recovery is measured to within a 1% error band for a load step change of 50%
to 100%.
5. Isolation specifications are production HI-Pot tested for 3 seconds.
6. The full output range (see table) is covered in the safety agency certification. Standard
models are factory set to the Preset voltage, but may be set to other levels within the
range without affecting the agency certification.For more information,contact the factory.
7. Output power is given for the factory preset voltage. The maximum continuous output
power level is 600W with 25 CFM airflow.All models provide a peak power level of 900W
for a maximum duration of 500 µS. For more information, contact the factory.
8. Each unit includes an input fuse (250V/10A). Since this fuse is not field replaceable, it is
recommended that an external fuse of the same size be used on the input of the power
supply for protection.
9. The Fan Drive output (at connector CN4) provides 12V/300 mA to drive an external fan.
Model Number
Models with other output voltage levels
are available (i.e. 15 VDC, 36 VDC, etc)
Contact the factory for details at:
sales@micropowerdirect.com
Pin
Function
1
Field Ground
2
Field Ground
3
Missing
4
AC-Line
5
AC-Line
6
Missing
7
AC-Neutral
Connections
Input Connector (CN1):
Terminal Block:
Howder HD-121-3P: M3.5 Screws
3 terminals, 9.5 mm Centers
Output Connector (CN2):
Terminal Block:
Howder HD-121-6P: M3.5 Screws
6 terminals, 9.5 mm Centers
Logic Signal Connector (CN3):
Mating Part No:
JST XHP-5 or equivalent
(CHYAO SHIUNN JS-1001-05)
Fan Driver Connector (CN4):
Mating Part No:
JST XHP-2 or equivalent
(CHYAO SHIUNN JS-2001-2)
Input Connector (CN1):
Molex Mating Part No:
Molex 09-91-7000 or equivalent
(7 pins, two pins removed)
Pin
Function
1
Field Ground
2
AC-Line
3
AC Neutral
Output Connector (CN2):
Molex Mating Part No:
Molex 09-50-3141 or equivalent
Pin
Function
1+VOUT
2+VOUT
3+VOUT
4-VOUT
5-VOUT
6-VOUT
Pin
Function
1+VOUT
2+VOUT
3+VOUT
4+VOUT
5+VOUT
6+VOUT
7+VOUT
8-VOUT
9-VOUT
10
-VOUT
11
-VOUT
12
-VOUT
13
-VOUT
14
-VOUT
Pin
Function
1
- Remote Sense
2
+ Remote Sense
3
Remote On/Off
4
Common
5
Power Good
Pin
Function
1
Minus
2
Plus
Input Connector (CN1):
IEC320 or equivalent
Available on “End Fan” models only
Interface Signals
Power Supply
On
Bi-color LED Is green for “power on”;
orange when protection enabled
Remote Sense
Compensates for up to a 0.5V line drop
Power Good
Signal
Goes TTL high 100 to 500 mS after
regulation. Goes low at least 1 mS
before the loss of regulation. Will sink
100 mA.
Remote On/Off
A TTL low signal inhibits the output.
Hiccup mode.


Similar Part No. - MPU-600CS-48YYZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-600CD MPD-MPU-600CD Datasheet
1Mb / 4P
   Compact 600W Supply
MPU-600CD-0512YYZ MPD-MPU-600CD-0512YYZ Datasheet
1Mb / 4P
   Compact 600W Supply
MPU-600CD-0524YYZ MPD-MPU-600CD-0524YYZ Datasheet
1Mb / 4P
   Compact 600W Supply
MPU-600CD-1224YYZ MPD-MPU-600CD-1224YYZ Datasheet
1Mb / 4P
   Compact 600W Supply
More results

Similar Description - MPU-600CS-48YYZ

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-600CD MPD-MPU-600CD Datasheet
1Mb / 4P
   Compact 600W Supply
logo
List of Unclassifed Man...
R4B-600G1V2 ETC2-R4B-600G1V2 Datasheet
328Kb / 13P
   600W600W Mini Redundant Power Supply
logo
ETA-USA
FHGSX-U1 ETA-USA-FHGSX-U1 Datasheet
1Mb / 5P
   600W Power Supply
logo
List of Unclassifed Man...
R2A-600D1V2 ETC2-R2A-600D1V2 Datasheet
321Kb / 12P
   600W600W 2/3U Redundant Power Supply.
logo
ETA-USA
ETG-SC ETA-USA-ETG-SC Datasheet
2Mb / 4P
   600W Isolated Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600 Datasheet
315Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600_09 Datasheet
254Kb / 2P
   600W Single Output Power Supply
SE-600 MEANWELL-SE-600_11 Datasheet
255Kb / 2P
   600W Single Output Power Supply
logo
Total Power Internation...
SE-600 TOTAL-POWER-SE-600_17 Datasheet
320Kb / 2P
   600W Single Output Power Supply
logo
Mean Well Enterprises C...
SE-600 MEANWELL-SE-600 Datasheet
252Kb / 2P
   600W Single Output Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com