Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-05MS-12 Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MPM-05MS-12
Description  5W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-05MS-12 Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPM-05MS-12 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-05MS-12 Datasheet HTML 2Page - MicroPower Direct, LLC MPM-05MS-12 Datasheet HTML 3Page - MicroPower Direct, LLC MPM-05MS-12 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection: With Input Protection/Filtering Components
The diagram above illustrates a typical connection of the MPM-05SV series.
The input components are required to meet the more stringent EFT/Surge levels
of EN 61000-4 (see notes for EMC Characteristics table above). Some notes on
these components are:
1. It is recommended that an external fuse be used. The recommended fuse
size is a 1.0A/300 VAC slow blow.
2. An external MOV is recommended on the input to protect the unit in the event
of a surge. A recommended value is given in the table at right.
3. The output filtering capacitors (C1 & C2) will reduce the output noise below
specified levels. Recommended values are given in the table on page 2.
4. Input protection and filtering modules are available for a number of MPD
AC/DC power supplies. For use with the MPM-05MS product series, the
MACFM-02A filter module is recommended. A typical connection diagram
and board layout with this module is shown in the figures below. For pricing
or full technical information on the MACFM-02A (or any of our other modules)
please contact the factory.
Notes:
1. To meet the requirements of EN 61000-
4-4 (±4 kV), external components are
needed. This can be done discretely (as
shown below), or with the addition of the
MACFM-02A. Contact the factory for more
information.
2. To meet the requirements of EN 61000-4-5
(±2 kV/ ±4 kV ), external components are
needed. This can be done discretely (as
shown below), or with the addition of the
MACFM-02A. Contact the factory for more
information.
Typical Board Layout: With External Filter Module
5. Suggested component values are:
Component
MPM-05MS-05
MPM-05MS-12
MPM-05SV-15
MPM-05MS-24
Fuse
2.0A/250 VAC
2.0A/250 VAC
2.0A/250 VAC
2.0A/250 VAC
MOV
S14K300
S14K300
S14K300
S14K300
CX
0.1 µF/275V
0.1 µF/250V
0.1 µF/250V
0.1 µF/250V
LDM
4.7 µH/2A
4.7 µH/2A
4.7 µH/2A
4.7 µH/2A
LCM
2.2 mH
2.2 mH
2.2 mH
2.2 mH
CY1/CY2
1.0 nF/400 VAC
1.0 nF/400 VAC
1.0 nF/400 VAC
1.0 nF/400 VAC
NTC
5D-9
5D-9
5D-9
5D-9
Typical Board Layout: With External Filter Module
Parameter
Conditions
Criteria
Level
Radiated Emissions
EN 55022
Class B
Conducted Emissions
EN 55022
Class B
ESD
EN 61000-4-2
B
±8 kV Air
±6 kV Contact
RS
EN 61000-4-3
A
10V/m
EFT, See Note 1
EN 61000-4-4
B
±2 kV
B
±4 kV
Surge, See Note 2
EN 61000-4-5
B
±1 kV/±2 kV
B
±2 kV/±4 kV
CS
EN 61000-4-6
A
10V rms
PFM
EN 61000-4-8
A
10A/m
Voltage Dips, Short, Interruptions
EN 61000-4-11
B
0% - 70%
EMI Characteristics
1. The width of circuit traces should be a minimum of 3 mm.
2. The distance between traces should be a minimum of 6 mm.
3. The distance between a trace and ground should be a minimum of 6 mm.


Similar Part No. - MPM-05MS-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05MM MPD-MPM-05MM Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
More results

Similar Description - MPM-05MS-12

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SMM MPD-MPM-05SMM Datasheet
547Kb / 2P
   5W Output Power
MPM-05SV MPD-MPM-05SV Datasheet
827Kb / 4P
   5W Output Power
MPL-05SEUP MPD-MPL-05SEUP Datasheet
1Mb / 4P
   5W Output Power
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com