Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-05SV Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM-05SV
Description  5W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-05SV Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM-05SV Datasheet HTML 1Page - MicroPower Direct, LLC MPM-05SV Datasheet HTML 2Page - MicroPower Direct, LLC MPM-05SV Datasheet HTML 3Page - MicroPower Direct, LLC MPM-05SV Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
305
VAC
100
430
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
10.0
A Pk
230 VAC
15.0
Leakage Current
230 VAC/50 Hz
0.3
mA rms
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Minimum Load
0
%
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
See Note 2
±1.0
%
Ripple & Noise (20 MHz)
See Note 3
50
100
mV Pk - Pk
Hold-Up Time
115 VAC
15
mSec
230 VAC
80
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Overload Protection
Autorecovery
110
%
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output, 60S
3,000
VAC
Input to FG, 60S
2,000
Switching Frequency
65
132
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+70
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram On Page 4
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
2.64 Oz (75g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Lead Temperature, See Note 4
Wave Solder
260
°C
Hand Solder
360
Safety Standards
UL 60950, EN 60950
Safety Class
Class I
85 to 305 VAC Input, 5W
Miniature PC Mount
AC/DC Power Supplies
Key Features:
5W Output Power
Universal 85-305 VAC Input
EN 60950 Approved
Six Single Output Models
Meets EN 55022 B
>300 kHour MTBF
Compact PC Mount Case
MPM-05SVSeries
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Similar Part No. - MPM-05SV

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05S-03 MPD-MPM-05S-03 Datasheet
199Kb / 2P
   Compact, 5W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-05S-03 MPD-MPM-05S-03 Datasheet
398Kb / 2P
   5W Output Power
MPM-05S-03MM(C) MPD-MPM-05S-03MM(C) Datasheet
547Kb / 2P
   5W Output Power
MPM-05S-03MM(C) MPD-MPM-05S-03MM(C) Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
More results

Similar Description - MPM-05SV

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SMM MPD-MPM-05SMM Datasheet
547Kb / 2P
   5W Output Power
MPL-05SEUP MPD-MPL-05SEUP Datasheet
1Mb / 4P
   5W Output Power
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com