Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-20SV-05 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-20SV-05
Description  20W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-20SV-05 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-20SV-05 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-20SV-05 Datasheet HTML 2Page - MicroPower Direct, LLC MPM-20SV-05 Datasheet HTML 3Page - MicroPower Direct, LLC MPM-20SV-05 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Over Volt.
Protection
(VDC)
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
(A Max.)
Power
(W)
115 VAC
230 VAC
MPM-20SV-03
0.60
0.34
3.3
3.50
11.5
7.5
48,000
75
MPM-20SV-05
0.60
0.34
5.0
3.50
17.5
7.5
12,240
78
MPM-20SV-09
0.60
0.34
9.0
2.10
20.0
12.0
5,600
79
MPM-20SV-12
0.60
0.34
12.0
1.60
20.0
20.0
5,400
83
MPM-20SV-15
0.60
0.34
15.0
1.30
20.0
20.0
2,400
84
MPM-20SV-24
0.60
0.34
24.0
0.85
20.0
30.0
1,840
85
Derating Curve
Typical Connection
1. It is recommended that an external fuse and NTC be used. The
recommended fuse is a 3.15A/300 VAC slow blow.
2. All units are rated for EN 55022 (CE/RE) class B without external
components.
3. All units are rated for EN 61000-4-4 (±2 kV) with the addition of
the MOV shown in the typical connection above. They will meet
EN 61000-4-4 (±4 kV) with the additional input components
shown in the typical connection diagram shown on page 3.
4. All units are rated for EN 61000-4-5 (±1 kV/±2 kV) with the addi-
tion of the MOV shown in the typical connection above. They will
meet EN 61000-4-5 (±2 kV /±4 kV) with the input components
shown in the typical connection diagram on page 3.
Notes:
1. Operation at no load will not damage the units, however, they
may not meet all specifications.
2. Load regulation is measured for an output change of 10% to
100% at nominal input line.
3. When measuring output ripple, it is recommended that an
external 0.1 µF high frequency ceramic capacitor be placed
in parallel with a 47 µF high frequency electrolytic capacitor
from the +VOUT pin to the -VOUT pin.
4. The max lead temp for wave soldering is ±5% for a time
period of 5 to 10S. For hand soldering, it is ±10% for 3 to 5S.
Input Voltage Vs Load
The diagram above illustrates a typical application connection of the MPM-20SV series. Notes on this circuit (starting with the input circuit) are:
MPD offers a wide variety of input protection and
filtering modules for use with our AC & DC power
modules. The MACFM-02A may be used with
the MPM-20SV, as shown on page. Full data-
sheets for all our input modules are available on
our website, or call the factory for a more help.
5. All units are rated for EN 55022 (CE/RE) class B without
external components.
6. All units are rated for EN 61000-4-4 (±2 kV) with the addi-
tion of the MOV shown in the typical connection below. They
will meet EN 61000-4-4 (±4 kV) with the additional input
components shown in the typical connection diagram shown
on page 3.
7. All units are rated for EN 61000-4-5 (±1 kV/±2 kV) with the addi-
tion of the MOV shown in the typical connection below. They will
meet EN 61000-4-5 (±2 kV /±4 kV) with the input components
shown in the typical connection diagram on page 3.
8. It is recommended that a fuse be used on the input of a power
supply for protection. For the MPM-20SV-xx series, a
3.15A/300 VAC slow blow should be used.
5. If output noise levels lower than the specified limits are required,
the addition of C1 and C2 should be sufficient for most applications.
The recommended values are shown in the table at right. The
output filtering capacitor C2 is a high frequency, low resistance
electrolytic capacitor. Capacitor C1 is ceramic. Voltage derating
of capacitors should be 80% or above.
6. The TVS is added to protect circuits being powered from damage
if the module fails.
7. The trim resistors (R1 & R2) are used to adjust the output voltage
level up or down. If this is not required, the trim pin should be
left open. See page 4 for details on using the trim function.
Model
C1
C2
TVS
MPM-20SV-03
1.0 µF/50V
330 µF/10V
SMBJ7.0A
MPM-20SV-05
1.0 µF/50V
330 µF/10V
SMBJ7.0A
MPM-20SV-09
1.0 µF/50V
220 µF/25V
SMBJ12A
MPM-20SV-12
1.0 µF/50V
220 µF/25V
SMBJ20A
MPM-20SV-15
1.0 µF/50V
220 µF/25V
SMBJ20A
MPM-20SV-24
1.0 µF/50V
220 µF/35V
SMBJ30A


Similar Part No. - MPM-20SV-05

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-20S MPD-MPM-20S Datasheet
244Kb / 2P
   Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
MPM-20S-03 MPD-MPM-20S-03 Datasheet
244Kb / 2P
   Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
MPM-20S-05 MPD-MPM-20S-05 Datasheet
244Kb / 2P
   Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
MPM-20S-12 MPD-MPM-20S-12 Datasheet
244Kb / 2P
   Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
MPM-20S-15 MPD-MPM-20S-15 Datasheet
244Kb / 2P
   Universal Input, 20W Miniature, PC Mount AC/DC Power Supplies
More results

Similar Description - MPM-20SV-05

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PM-20 MEANWELL-PM-20 Datasheet
371Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_12 Datasheet
269Kb / 2P
   20W Output Switching Power Supply
PM-20 MEANWELL-PM-20_12 Datasheet
387Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20 Datasheet
253Kb / 2P
   20W Output Switching Power Supply
IRM-20 MEANWELL-IRM-20 Datasheet
163Kb / 2P
   20W Output Switching Power Supply
logo
SL Power Electronics
ME20 SLPOWER-ME20_16 Datasheet
592Kb / 5P
   20W Single Output External Power
logo
Mean Well Enterprises C...
PM-20 MEANWELL-PM-20_10 Datasheet
372Kb / 2P
   20W Output Switching Power Supply
NFM-20 MEANWELL-NFM-20_09 Datasheet
254Kb / 2P
   20W Output Switching Power Supply
logo
SL Power Electronics
TE20 SLPOWER-TE20_16 Datasheet
743Kb / 5P
   15W-20W Single Output External Power
logo
Mean Well Enterprises C...
LPV-20 MEANWELL-LPV-20_11 Datasheet
97Kb / 2P
   20W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com