Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-05S-03MM(C) Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM-05S-03MM(C)
Description  5W Output Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-05S-03MM(C) Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM-05S-03MM(C) Datasheet HTML 1Page - MicroPower Direct, LLC MPM-05S-03MM(C) Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Miniature 1 x 1 Inch
5W, Single Output
AC/DC Power Supplies
Key Features:
5W Output Power
Miniature 1 x 1 Inch Case
Universal 85-264 VAC Input
EN 60950 Approved
Chassis Mount Option
Meets EN 55022 B
Meets IEC Safety Class II
>1.20 MHour MTBF
MPM-05MM Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
www.micropowerdirect.com
www.micropowerdirect.com
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
120
370
VDC
Input Frequency
47
440
Hz
Input Current
See Model Selection Guide
Inrush Current, See Note 1
115 VAC
20.0
A Pk
230 VAC
40.0
No Load Power Consumption
See Note 2
300
mW
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
±2.0
%
Line Regulation
VIN = Min to Max
±1.0
%
Load Regulation
IOUT = 0% to 100%
±1.0
%
Ripple & Noise, See Note 3
3.3 & 5 VDC Out Models
60
m V P-P
All Other Models
1.0
% V P-P of VOUT
Hold-Up Time
115 VAC
8.0
mS
230 VAC
40
Temperature Coefficient
±0.05
%/°C
Over Voltage Protection
See Note 4
125
190
%VOUT
Overshoot
5.0
%VOUT
Short Circuit Protection, See Note 5
Continuous (Autorecovery)
Overload Protection
See Note 6
135
150
%W
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
Switching Frequency
65
kHz
EMI Characteristics
Parameter
Standard
Criteria
Level
Radiated Emissions
EN 55014, EN 55024
Class B
Conducted Emissions
EN 55022
Class B
ESD
EN 61000-4-2
A
±8 kV Air/±4 kV Contact
RS
EN 61000-4-3
A
10V/m
EFT
EN 61000-4-4
A
±2 kV
Surge
EN 61000-4-5
A
±1 kV
CS
EN 61000-4-6
A
10 Vrms
PFM
EN 61000-4-8
A
30A/m
Voltage Dips
EN 61000-4-11
A
30% 10 mS
Interruptions
EN 61000-4-11
B
95% 500 mS
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+70
°C
Storage Temperature Range
-40
+85
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Diagram (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
Board Mount
0.69 Oz (19.7g)
Chassis Mount
0.85 Oz (19.7g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
1.20
MHours
Safety Standards
EN 60950
Safety Class
IEC 60536 Class II


Similar Part No. - MPM-05S-03MM(C)

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05S-03MM(C) MPD-MPM-05S-03MM(C) Datasheet
547Kb / 2P
   Miniature 1 x 1 Inch 5W, Single Output AC/DC Power Supplies
More results

Similar Description - MPM-05S-03MM(C)

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-05M MPD-MPM-05M Datasheet
929Kb / 4P
   5W Output Power
logo
Shenzhen Huazhimei Semi...
HM9305B HMSEMI-HM9305B Datasheet
296Kb / 3P
   5W output power
logo
MicroPower Direct, LLC
MPM-05S MPD-MPM-05S Datasheet
398Kb / 2P
   5W Output Power
MPM-05SV MPD-MPM-05SV Datasheet
827Kb / 4P
   5W Output Power
MPL-05SEUP MPD-MPL-05SEUP Datasheet
1Mb / 4P
   5W Output Power
logo
Mean Well Enterprises C...
NFM-05 MEANWELL-NFM-05_12 Datasheet
250Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05 Datasheet
271Kb / 2P
   5W Output Switching Power Supply
IRM-05 MEANWELL-IRM-05 Datasheet
161Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_10 Datasheet
273Kb / 2P
   5W Output Switching Power Supply
PM-05 MEANWELL-PM-05_12 Datasheet
288Kb / 2P
   5W Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com