Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8304 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8304
Description  160 dB Range (100 pA -10 mA) Logarithmic Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8304 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8304 Datasheet HTML 7Page - Analog Devices AD8304 Datasheet HTML 8Page - Analog Devices AD8304 Datasheet HTML 9Page - Analog Devices AD8304 Datasheet HTML 10Page - Analog Devices AD8304 Datasheet HTML 11Page - Analog Devices AD8304 Datasheet HTML 12Page - Analog Devices AD8304 Datasheet HTML 13Page - Analog Devices AD8304 Datasheet HTML 14Page - Analog Devices AD8304 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. A
AD8304
–11–
In addition to uses in filter and comparator functions, the buffer
amplifier provides the means to adjust both the slope and inter-
cept, which require a minimal number of external components.
The high input impedance at BFIN, low input offset voltage,
large output swing, and wide bandwidth of this amplifier permit
numerous transformations of the basic VLOG signal, using stan-
dard op amp circuit practices. For example, it has been noted
that to raise the gain of the buffer, and therefore the slope, a
feedback attenuator, RA and RB in Figure 3, should be inserted
between VLOG and the inverting input Pin BFNG.
A wide range of gains may be used and the resistor magnitudes
are not critical; their parallel sum should be about equal to the
net source resistance at the noninverting input. When high gains
are used, the output dynamic range will be reduced; for maxi-
mum swing of 4.8 V, it will amount to simply 4.8 V/VY decades.
Thus, using a ratio of 3 , to set up a slope 30 mV/dB (600 mV/
decade), eight decades can be handled, while with a ratio of 5 ,
which sets up a slope of 50 mV/dB (1 V/decade), the dynamic
range is 4.8 decades, or 96 dB. When using a lower positive
supply voltage, the calculation proceeds in the same way,
remembering to first subtract 0.2 V to allow for 0.1 V upper and
lower headroom in the output swing.
Alteration of the logarithmic intercept is only slightly more tricky.
First note that it will rarely be necessary to lower the intercept
below a value of 100 pA, since this merely raises all output volt-
ages further above ground. However, where this is required, the
first step is to raise the voltage VLOG by connecting a resistor, RZ,
from VLOG to VREF (2 V) as shown in Figure 4.
6
3
4
PDB
BIAS
VREF
10
2
12
VPDB
VSUM
INPT
VSUM
5
1
VNEG
~10k
ACOM
14
VPS2
PWDN
VPS1
VREF
7
VLOG
8
BFIN
9
BFNG
TEMPERATURE
COMPENSATION
5k
11
VOUT
0.5V
IPD
NC
R1
750
10nF
C1
1nF
13
RA
VP
VOUT
NC = NO CONNECT
RB
RZ
Figure 4. Method for Lowering the Intercept
This has the effect of elevating VLOG for small inputs while lower-
ing the slope to some extent because of the shunt effect of RZ
on the 5 k
Ω output resistance. Then, if necessary, the slope may
be increased as before, using a feedback attenuator around the
buffer. Table II lists some examples of lowering the intercept
combined with various slope variations.
Table II. Examples of Lowering the Intercept
VY (mV/decade)
IZ (pA)
RA (k )RB (k )RZ (k )
200
1
20.0
100
25
200
10
10.0
100
50
200
50
3.01
100
165
300
1
10.0
12.4
25
300
10
8.06
12.4
50
300
50
6.65
12.4
165
400
1
11.5
8.2
25
400
10
9.76
8.2
50
400
50
8.66
8.2
165
500
1
16.5
8.2
25
500
10
14.3
8.2
50
500
50
13.0
8.2
165
Equations for use with Table II:
VG V
R
RR
I
I
V
R
RR
OUT
Y
Z
Z
LOG
PD
Z
REF
LOG
LOG
Z
+
×


+
log
10
where
G
R
R
Rk
A
B
LOG
=+
=
15
and
Generally, it will be useful to raise the intercept. Keep in mind
that this moves the VLOG line in Figure 2 to the right, lowering all
output values. Figure 5 shows how this is achieved. The feedback
resistors, RA and RB, around the buffer are now augmented with
a third resistor, RZ, placed between the Pins BFNG and VREF.
This raises the zero-signal voltage on BFNG, which has the effect
of pushing VOUT lower. Note that the addition of this resistor also
alters the feedback ratio. However, this is readily compensated
in the design of the network. Table III lists the resistor values
for representative intercepts.
Table III. Examples of Raising the Intercept
VY (mV/decade)
IZ (nA)
RA (k )RB (k )RC(k )
300
10
7.5
37.4
24.9
300
100
8.25
130
18.2
400
10
10
16.5
25.5
400
100
9.76
25.5
16.2
400
500
9.76
36.5
13.3
500
10
12.4
12.4
24.9
500
100
12.4
16.5
16.5
500
500
11.5
20.0
12.4
Equations for use with Table III:
VG V
I
I
V
RR
RR
R
OUT
Y
PD
Z
REF
AB
AB
C


×
+
log
10
where
G
R
RR
RR
RR
RR
A
BC
AB
AB
AB
=+
=
×
+
1
and


Similar Part No. - AD8304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304-EVAL AD-AD8304-EVAL Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARU AD-AD8304ARU Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARU-REEL AD-AD8304ARU-REEL Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARU-REEL7 AD-AD8304ARU-REEL7 Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
More results

Similar Description - AD8304

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8304ARUZ AD-AD8304ARUZ Datasheet
579Kb / 20P
   160 dB Range (100 pA -10 mA) Logarithmic Converter
REV. A
ADL5303 AD-ADL5303 Datasheet
468Kb / 24P
   160 dB Range 100 pA to 10 mA Low Cost Logarithmic Converter
REV. 0
AD8304 AD-AD8304_15 Datasheet
579Kb / 20P
   160 dB Range Logarithmic Converter
REV. A
AD8305 AD-AD8305 Datasheet
1Mb / 20P
   100 dB Range (10 nA to 1 mA) Logarithmic Converter
REV. A
ADL5308 AD-ADL5308 Datasheet
1Mb / 22P
   Fast Response 188 dB Range (10 pA to 25 mA) Logarithmic Converter
Rev. 0
AD8305 AD-AD8305_15 Datasheet
429Kb / 24P
   100 dB Range Logarithmic Converter
REV. B
AD8305ACPZ AD-AD8305ACPZ Datasheet
429Kb / 24P
   100 dB Range (10 nA to 1 mA) ogarithmic Converter
REV. B
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310ACPZ-REEL7 AD-ADL5310ACPZ-REEL7 Datasheet
595Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
ADL5310 AD-ADL5310 Datasheet
665Kb / 20P
   120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com