Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-03MM Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-03MM
Description  2W Output Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-03MM Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-03MM Datasheet HTML 1Page - MicroPower Direct, LLC MPM-03MM Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.micropowerdirect.com
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Pin
Single
Pin
Dual
1NC
1NC
2NC
2NC
3+VOUT
3+VOUT1
4-VOUT
4
Common
5
No Pin
5
+VOUT2
6
AC-Neutral
6
AC-Neutral
7
AC-Line
7
AC-Line
NC = No Connection
Pin Connections
Model
Number
Input
Current
(A)
Output 1 (VO)
Output 2 (VR)
Efficiency
(%, Typ)
Voltage
(VDC)
Current
(mA Max)
Voltage
(VDC)
Current
(mA Max)
115 VAC
MCP-02S-08
0.042
8.0
250
---
---
72
MCP-02S-14
0.042
14.0
143
---
---
74
MCP-02S-24
0.042
24.0
83
---
---
76
MCP-02D-0803
0.042
8.0
Note 1
3.3
160
69
MCP-02D-0805
0.042
8.0
Note 1
5.0
250
69
MCP-02D-1403
0.042
14.0
Note 2
3.3
70
70
MCP-02D-1405
0.042
14.0
Note 2
5.0
83
70
Constant Power (V/I) Curve
Mechanical Dimensions
www.micropowerdirect.com
www.micropowerdirect.com
Notes:
1. For these models, IOUT1 + IOUT2 must be < 250 mA.
2. For these models, IOUT1 + IOUT2 must be < 143 mA.
3. Output power for dual output models is defined as: POUT = VOUT1 x (IOUT1 + IOUT2).
4. Output voltage accuracy is specified at full load & VIN = 115 VAC..
5. Line regulation is specified for VIN = 85 to 264 VAC.
6. Load regulation is specified for IOUT = 10% to 100%.
7. It is recommended that a fuse be used on the input of a power supply for
protection. For the MCP-02x series, a 1.2A slow blow fuse should be used.
The MCP-02x operates in constant voltage
mode (the same as most AC/DC power
supplies) to the point where the maximum
output current ratings shown in the tables
above are exceeded. When this happens,
the typical constant voltage regulated
supply will go into current limit and shut
down. Unlike conventional current limited
designs, the MCP-02x cannot be over-
loaded. As shown in the graph above, the
unit will switch to constant power mode and
will continue to supply power to the load.
This transition from “constant voltage
mode“ to “constant power mode” makes
the MCP-02x especially suitable for applica-
tions where current limited designs require
“oversizing” the power source to avoid
start-up issues. They are well suited for
applications that include driving or charging:
Mechanical Relays
Solenoids
Super Caps
LEDs
High Capacitive Loads
Solid State Relays
Op Amp Drivers
Output 1 (VO) is voltage regulated until it
reaches the “current limit” level. At this
point, it transitions to constant power mode.
This output cannot be overloaded.
The auxiliary output (VR) is voltage regulated.
It is derived internally from output 1 (VO).
Typical Connection
The MCP-02x is designed to be used in industrial/commercial applications where they are connected
directly to the power mains. Mains connected components/equipment may be subjected to a wide
variety of surge/transient line disturbances. Input line disturbances are covered by the international
standards EN-61000-4-2,3,4,5.
The MCP-02x series is designed to meet the requirements of EN 61000-4 as shown on page one
of this datasheet. For applications that require a higher level of immunity to line disturbances, the
addition of external protection components (as shown in the diagram above) may be sufficient.
Contact the factory for more information.


Similar Part No. - MPM-03MM

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-03 MPD-MPM-03 Datasheet
189Kb / 2P
   Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
MPM-03S MPD-MPM-03S Datasheet
326Kb / 2P
   3W Output Power
MPM-03S-03 MPD-MPM-03S-03 Datasheet
189Kb / 2P
   Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
MPM-03S-03 MPD-MPM-03S-03 Datasheet
326Kb / 2P
   3W Output Power
MPM-03S-03MM MPD-MPM-03S-03MM Datasheet
532Kb / 2P
   3W Output Power
More results

Similar Description - MPM-03MM

ManufacturerPart #DatasheetDescription
logo
DIWELL Electronics Co.,...
IRM-02 DIWELL-IRM-02 Datasheet
373Kb / 4P
   2W Output Switching Power Supply
2016-07-13
logo
Superworld Electronics
STL03S03F SUPERWORLD-STL03S03F Datasheet
146Kb / 2P
   2W Single Output Surface
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
logo
NTE Electronics
NTE361 NTE-NTE361 Datasheet
19Kb / 2P
   Silicon NPN Transistor RF Power Output PO = 2W @ 512MHz
logo
Filtronic Compound Semi...
FPD3000 FILTRONIC-FPD3000 Datasheet
183Kb / 2P
   2W POWER PHEMT
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518 Datasheet
4Mb / 10P
   2W Power Amplifier
logo
RF Micro Devices
FPD3000 RFMD-FPD3000 Datasheet
243Kb / 4P
   2W POWER pHEMT
logo
M/A-COM Technology Solu...
MAAP-010518 MA-COM-MAAP-010518_15 Datasheet
4Mb / 10P
   2W Power Amplifier
logo
Filtronic Compound Semi...
LPV3000 FILTRONIC-LPV3000 Datasheet
49Kb / 2P
   2W Power PHEMT
FPD2000V FILTRONIC-FPD2000V Datasheet
510Kb / 3P
   2W POWER PHEMT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com