Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPM-03S-12 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # MPM-03S-12
Description  3W Output Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-03S-12 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  MPM-03S-12 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-03S-12 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
85
264
VAC
110
370
VDC
Input Frequency
47
63
Hz
Input Current
See Model Selection Guide
Inrush Current
115 VAC
10.0
A Pk
230 VAC
20.0
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
See Model Selection Guide
Output Current
See Model Selection Guide
Output Voltage Accuracy
See Note 1
±2.0
%
Line Regulation
VIN = Min to Max
±0.5
%
Load Regulation
See Note 3
±1.0
%
Ripple & Noise (20 MHz)
30
60
mV P-P
Hold-Up Time
230 VAC
50
mSec
Temperature Coefficient
±0.02
%/°C
Short Circuit Protection
Continuous (Autorecovery)
Over Temperature Protection
150
°C
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Input to Output
3,000
VAC
Isolation Resistance
500 VDC
100
M
EMI Characteristics
Parameter
Standard
Min.
Typ.
Max.
Units
Radiated Emissions
See Note 4
EN 55022
Class A
Conducted Emissions
See Note 4
EN 55022
Class A
ESD
EN 61000-4-2
Criteria B; ±8 kV Air/±6 kV Contact
RS
EN 61000-4-3
Criteria A; 10V/m
EFT
See Note 5
EN 61000-4-4
Criteria B; ±2 kV
Surge
See Note 5
EN 61000-4-5
Criteria B; ±1 kV /±2 kV
CS
EN 61000-4-6
Criteria A; 10 Vrms
PFMF
EN 61000-4-8
Criteria A; 10A/m
Voltage Dips
EN 61000-4-11
Criteria B; 0% - 70%
Switching Frequency
100
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-25
+25
+70
°C
Operating Temperature Range
Case
+95
°C
Storage Temperature Range
-40
+105
°C
Cooling
Free Air Convection (See Derating Curve)
Humidity
RH, Non-condensing
95
%
Physical
Case Size
1.46 x 0.90 x 0.59 Inches (37.0 x 23.0 x 15.0 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.70 Oz (20g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25°C, Gnd Benign
300
kHours
Safety Standards
EN 60950
Safety Class
IEC 60536 Class II
Single Output, 3W
Ultra-Miniature DIP
AC/DC Power Supplies
Key Features:
3W Output Power
Universal 85-264 VAC Input
EN 60950 Approved (UL)
Meets IEC Safety Class II
Single Regulated Output
Meets EN 55022 Class A
>300 kHour MTBF
Ultra-Miniature “DIP” Case
MPM-03 Series
Electrical Specifications
Specifications typical @ +25°C, 230 VAC input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Similar Part No. - MPM-03S-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-03S-12 MPD-MPM-03S-12 Datasheet
189Kb / 2P
   Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
MPM-03S-12MM MPD-MPM-03S-12MM Datasheet
532Kb / 2P
   3W Output Power
More results

Similar Description - MPM-03S-12

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-03SEUP MPD-MPL-03SEUP Datasheet
1Mb / 4P
   3W Output Power
MPM-03SMM MPD-MPM-03SMM Datasheet
532Kb / 2P
   3W Output Power
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
   3W Output Switching Power Supply
2016-07-14
logo
MORNSUN Science& Techno...
RSB1205T-3W MORNSUN-RSB1205T-3W Datasheet
191Kb / 2P
   3W SINGLE OUTPUT SMD PACKAGE
logo
Elite Enterprises (H.K....
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
   3W Power LED
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517 Datasheet
490Kb / 8P
   3W Power Amplifier
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
   3W Power Amplifier
logo
Elite Enterprises (H.K....
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com