Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82731T2801A020 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82731T2801A020
Description  Current-compensated E core double chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82731T2801A020 Datasheet(HTML) 5 Page - TDK Electronics

  B82731T2801A020 Datasheet HTML 1Page - TDK Electronics B82731T2801A020 Datasheet HTML 2Page - TDK Electronics B82731T2801A020 Datasheet HTML 3Page - TDK Electronics B82731T2801A020 Datasheet HTML 4Page - TDK Electronics B82731T2801A020 Datasheet HTML 5Page - TDK Electronics B82731T2801A020 Datasheet HTML 6Page - TDK Electronics B82731T2801A020 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
 = approval granted
Sample kit available. Ordering code: B82731X002
For more information refer to chapter “Sample kits”.
IR
A
LR
mH
Lstray,typ
H
Rtyp
m
Ordering code
Approvals
0.30
100
2000
6600
B82731T2301A020

0.35
68
1300
4400
B82731T2351A020

0.45
47
950
2800
B82731T2451A020

0.55
39
800
2200
B82731T2551A020

0.65
27
550
1600
B82731T2651A020

0.8
15
300
950
B82731T2801A020

1.0
10
200
630
B82731T2102A020

1.3
6.8
140
370
B82731T2132A020

1.8
3.3
65
200
B82731T2182A020

Impedance |Z| versus frequency f
measured with windings in parallel at +20 °C
typical values
Current derating Iop/IR
versus ambient temperature TA
|Z|
f
IND0363-B
2
10
3
10
10 4
10 5
10 6
10 7
4
10
10 5
10 6
10 7
Hz
Ω
T2182A020
T2132A020
T2102A020
T2801A020
T2651A020
T2551A020
T2451A020
T2351A020
T2301A020
B82731
B82731T
Power line chokes
Current-compensated E core double chokes


Similar Part No. - B82731T2801A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82731T2801A020 EPCOS-B82731T2801A020 Datasheet
131Kb / 7P
   Power line chokes
B82731T2801A020 EPCOS-B82731T2801A020 Datasheet
131Kb / 7P
   Current-compensated E core double chokes
More results

Similar Description - B82731T2801A020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82731T EPCOS-B82731T Datasheet
131Kb / 7P
   Current-compensated E core double chokes
logo
TDK Electronics
B82732R2102B030 TDK-B82732R2102B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
   Current-compensated frame core double chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com