Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82721K2401N021 Datasheet(PDF) 8 Page - TDK Electronics

Part # B82721K2401N021
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82721K2401N021 Datasheet(HTML) 8 Page - TDK Electronics

  B82721K2401N021 Datasheet HTML 1Page - TDK Electronics B82721K2401N021 Datasheet HTML 2Page - TDK Electronics B82721K2401N021 Datasheet HTML 3Page - TDK Electronics B82721K2401N021 Datasheet HTML 4Page - TDK Electronics B82721K2401N021 Datasheet HTML 5Page - TDK Electronics B82721K2401N021 Datasheet HTML 6Page - TDK Electronics B82721K2401N021 Datasheet HTML 7Page - TDK Electronics B82721K2401N021 Datasheet HTML 8Page - TDK Electronics B82721K2401N021 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
07/15
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
Washing processes may damage the product due to the possible static or cyclic mechanical
loads (e.g. ultrasonic cleaning). They may cause cracks to develop on the product and its parts,
which might lead to reduced reliability or lifetime.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Display of ordering codes for EPCOS products
The ordering code for one and the same product can be represented differently in data sheets,
data books, other publications and the website of EPCOS, or in order-related documents such as
shipping notes, order confirmations and product labels. The varying representations of the
ordering codes are due to different processes employed and do not affect the
specifications of the respective products. Detailed information can be found on the Internet
under www.epcos.com/orderingcodes.
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B82721K2401N021

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721K2401N021 EPCOS-B82721K2401N021 Datasheet
207Kb / 8P
   Power line chokes
B82721K2401N021 EPCOS-B82721K2401N021 Datasheet
136Kb / 8P
   Power line chokes
B82721K2401N021 EPCOS-B82721K2401N021 Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
More results

Similar Description - B82721K2401N021

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com