Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82727E6503A040 Datasheet(PDF) 6 Page - TDK Electronics

Part # B82727E6503A040
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82727E6503A040 Datasheet(HTML) 6 Page - TDK Electronics

  B82727E6503A040 Datasheet HTML 1Page - TDK Electronics B82727E6503A040 Datasheet HTML 2Page - TDK Electronics B82727E6503A040 Datasheet HTML 3Page - TDK Electronics B82727E6503A040 Datasheet HTML 4Page - TDK Electronics B82727E6503A040 Datasheet HTML 5Page - TDK Electronics B82727E6503A040 Datasheet HTML 6Page - TDK Electronics B82727E6503A040 Datasheet HTML 7Page - TDK Electronics B82727E6503A040 Datasheet HTML 8Page - TDK Electronics B82727E6503A040 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
05/15
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Size A
Size B
Size C
IR,+70 °C
A
LR
mH
Lstray,typ
H
Rtyp
m
Weight
approx. g
Ordering code
21
1.5
8.3
2.8
100
B82726E6213A040
24
1.0
5.7
2.3
90
B82726E6243A041
26
0.6
3.8
1.7
85
B82726E6263A040
29
0.44
2.9
1.5
80
B82726S6243A0401)
1) Alternative rating: 24 A at +85 °C
IR,+70 °C
A
LR
mH
Lstray,typ
H
Rtyp
m
Weight
approx. g
Ordering code
Version
12
20
2.7
19
4.4
155
B82726E6203B041
X
24
1.5
11
3.2
135
B82726S6203A0401)
1) Alternative rating: 20 A at +85 °C
X
28
1.0
7
2.1
140
B82726E6283B040
X
33
0.42
3.5
1.4
120
B82726E6333B040
X
IR,+70 °C
A
LR
mH
Lstray,typ
H
Rtyp
m
Weight
approx. g
Ordering code
Version
12
22
3.3
20.0
4.6
210
B82727E6223A040
X
24
2.2
15.0
3.9
200
B82727E6243A040
X
40
1.5
9.0
1.7
245
B82727E6403A040
X
44
1.0
6.3
1.35
220
B82727E6443A040
X
50
0.57
3.7
1.0
200
B82727E6503A040
X
Power line chokes
Current-compensated ring core double chokes
B8272*E6


Similar Part No. - B82727E6503A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
More results

Similar Description - B82727E6503A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com