Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82732W2601B030 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82732W2601B030
Description  Current-compensated D core double chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82732W2601B030 Datasheet(HTML) 5 Page - TDK Electronics

  B82732W2601B030 Datasheet HTML 1Page - TDK Electronics B82732W2601B030 Datasheet HTML 2Page - TDK Electronics B82732W2601B030 Datasheet HTML 3Page - TDK Electronics B82732W2601B030 Datasheet HTML 4Page - TDK Electronics B82732W2601B030 Datasheet HTML 5Page - TDK Electronics B82732W2601B030 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
06/13
Cautions and warnings
Current-compensated ring core double chokes
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets.
– Particular attention should be paid to the derating curves given there. Derating must be applied
in case the ambient temperature in the application exceeds the rated temperature of the
component.
– Ensure the operation temperature (which is the sum of the ambient temperature and the
temperature rise caused by losses / self-heating) of the component in the application does not
exceed the maximum value specified in the climatic category.
– The soldering conditions should also be observed. Temperatures quoted in relation to wave
soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used,
or on glued joints. In particular, it is possible for washing varnish agent residues to have a
negative effect in the long-term on wire insulation.
Washing processes may damage the product due to the possible static or cyclic mechanical
loads (e.g. ultrasonic cleaning). They may cause cracks to develop on the product and its parts,
which might lead to reduced reliability or lifetime.
The following points must be observed if the components are potted in customer applications:
– Many potting materials shrink as they harden. They therefore exert a pressure on the plastic
housing or core. This pressure can have a deleterious effect on electrical properties, and in
extreme cases can damage the core or plastic housing mechanically.
– It is necessary to check whether the potting material used attacks or destroys the wire
insulation, plastics or glue.
– The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B82732W2601B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732W2601B030 EPCOS-B82732W2601B030 Datasheet
173Kb / 6P
   Power line chokes
B82732W2601B030 EPCOS-B82732W2601B030 Datasheet
556Kb / 6P
   Power line chokes
More results

Similar Description - B82732W2601B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82731M2701A30 EPCOS-B82731M2701A30 Datasheet
716Kb / 6P
   Current-compensated D core double chokes
logo
TDK Electronics
B82731H2112A030 TDK-B82731H2112A030 Datasheet
777Kb / 6P
   Current-compensated D core double chokes
B82734R2132B030 TDK-B82734R2132B030 Datasheet
785Kb / 6P
   Current-compensated D core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82731T2102A020 TDK-B82731T2102A020 Datasheet
748Kb / 7P
   Current-compensated E core double chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com