Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B82724J2222N020 Datasheet(PDF) 4 Page - TDK Electronics

Part # B82724J2222N020
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82724J2222N020 Datasheet(HTML) 4 Page - TDK Electronics

  B82724J2222N020 Datasheet HTML 1Page - TDK Electronics B82724J2222N020 Datasheet HTML 2Page - TDK Electronics B82724J2222N020 Datasheet HTML 3Page - TDK Electronics B82724J2222N020 Datasheet HTML 4Page - TDK Electronics B82724J2222N020 Datasheet HTML 5Page - TDK Electronics B82724J2222N020 Datasheet HTML 6Page - TDK Electronics B82724J2222N020 Datasheet HTML 7Page - TDK Electronics B82724J2222N020 Datasheet HTML 8Page - TDK Electronics B82724J2222N020 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
1500 V AC, 2 s (line/line)
Rated temperature TR
+40 °C / +45 °C / +50 °C / +60 °C / +70 °C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 0.1 mA, +20 °C
Measuring frequency: LR 1 mH = 100 kHz
LR > 1 mH = 10 kHz
Inductance is specified per winding.
Inductance tolerance
30% at +20 °C
Inductance decrease
L/L
0
< 10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 5 mA, +20 °C, typical
values
Measuring frequency: LR 1 mH = 100 kHz
LR > 1 mH = 10 kHz
DC resistance Rtyp
Measured at +20 °C, typical values, specified per win-
ding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: +(245
5) °C, (3 0.3) s
Wetting of soldering area
95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260
5) °C, (10 1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
75% RH
Weight
Approx. 27 g … 32 g
Approvals
EN 60938-2, UL 1283
B82724A/J
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82724J2222N020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82724J2222N020 EPCOS-B82724J2222N020 Datasheet
165Kb / 9P
   Power line chokes
More results

Similar Description - B82724J2222N020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com