Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4502IDT Datasheet(PDF) 11 Page - Texas Instruments

Part # THS4502IDT
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502IDT Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4502IDT Datasheet HTML 7Page - Texas Instruments THS4502IDT Datasheet HTML 8Page - Texas Instruments THS4502IDT Datasheet HTML 9Page - Texas Instruments THS4502IDT Datasheet HTML 10Page - Texas Instruments THS4502IDT Datasheet HTML 11Page - Texas Instruments THS4502IDT Datasheet HTML 12Page - Texas Instruments THS4502IDT Datasheet HTML 13Page - Texas Instruments THS4502IDT Datasheet HTML 14Page - Texas Instruments THS4502IDT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
11
TYPICAL CHARACTERISTICS (
±5 V Graphs)
Figure 19
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
01234
5678
9
10
HD2
HD3
HARMONIC DISTORTION
vs
OUTPUT VOLTAGE SWING
VO − Output Voltage Swing − V
Differential Input to
Differential Output
Gain = 2
RL = 800 Ω
Rf = 1.3 kΩ
f= 8 MHz
VS = ±5 V
Figure 20
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
f= 30 MHz
VS = ±5 V
Figure 21
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
400
800
1200
1600
HD2
HD3
HARMONIC DISTORTION
vs
LOAD RESISTANCE
RL − Load Resistance − Ω
Differential Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 499 Ω
f= 30 MHz
VS = ±5 V
Figure 22
−100
−90
−80
−70
−60
−50
10
100
THIRD-ORDER INTERMODULATION
DISTORTION
vs
FREQUENCY
f − Frequency − MHz
Single-Ended Input to
Differential Output
Gain = 1
VO = 2 VPP
Rf = 392 Ω
VS = ±5 V
Tone Spacing = 200 kHz
Figure 23
40
30
20
15
0
102030
4050
60
50
55
f − Frequency − MHz
THIRD-ORDER OUTPUT INTERCEPT
POINT
vs
FREQUENCY
60
70 80
90 100
45
35
25
Normalized to 200
Gain = 1
Rf = 392 Ω
VS = ± 5 V
Tone Spacing = 200 kHz
OIP3 RL= 800 Ω
Normalized to 50
Figure 24
0
500
1000
1500
2000
2500
3000
0
0.5
1
1.5
2
2.5
3
3.5
4
VO − Differential Output Voltage Step − V
SLEW RATE
vs
DIFFERENTIAL OUTPUT VOLTAGE STEP
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 8 MHz
VS = ±5 V
Figure 25
−1.5
−1
−0.5
0
0.5
1
1.5
0
5
10
15
20
t − Time − ns
SETTLING TIME
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
Figure 26
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
05
10
15
20
t − Time − ns
SETTLING TIME
Gain = 1
RL = 800 Ω
Rf = 499 Ω
f= 1 MHz
VS = ±5 V
Rising Edge
Falling Edge
Figure 27
−3
−2
−1
0
1
2
3
−100
0
100
200
300
400
500
t − Time − ns
LARGE-SIGNAL TRANSIENT RESPONSE
Gain = 1
RL = 800 Ω
Rf = 499 Ω
tr/tf = 300 ps
VS = ±5 V


Similar Part No. - THS4502IDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502ID TI1-THS4502ID Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502IDG4 TI1-THS4502IDG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502IDGK TI1-THS4502IDGK Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502IDGN TI1-THS4502IDGN Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
logo
National Semiconductor ...
THS4502IDGNR NSC-THS4502IDGNR Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
More results

Similar Description - THS4502IDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com