Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL18CV8P-15 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PEEL18CV8P-15
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEEL18CV8P-15 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PEEL18CV8P-15 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL18CV8P-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
04-02-004H
International
CMOS
Technology
®
Commercial/
Industrial
The PEEL18CV8 architecture allows it to replace over 20
standard 20-pin PLDs (PAL, GAL, EPLD etc.). It also pro-
vides additional architecture features so more logic can be
put into every design. ICT’s JEDEC file translator instantly
converts to the PEEL18CV8 existing 20-pin PLDs without
the need to rework the existing design. Development and
programming support for the PEEL18CV8 is provided by
popular third-party programmers and development software.
ICT also offers free PLACE development software and a
low-cost development system (PDS-3).
Figure 2 Block Diagram
General Description
The PEEL18CV8 is a Programmable Electrically Erasable
Logic (PEEL) device providing an attractive alternative to
ordinary PLDs. The PEEL18CV8 offers the performance,
flexibility, ease of design and production practicality needed
by logic designers today.
The PEEL18CV8 is available in 20-pin DIP, PLCC, SOIC
and TSSOP packages with speeds ranging from 5ns to
25ns with power consumption as low as 37mA. EE-Repro-
grammability provides the convenience of instant repro-
gramming
for
development
and
reusable
production
inventory minimizing the impact of programming changes
or errors. EE-Reprogrammability also improves factory
testability, thus assuring the highest quality possible.
Figure 1 Pin Configuration
PLCC
DIP
SOIC
1
2
3
4
5
6
7
8
9
10
I/CLK
I
I
I
I
I
I
I
I
GND
VCC
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I
20
19
18
17
16
15
14
13
12
11
TSSOP
PEEL™ 18CV8 -5/-7/-10/-15/-25
CMOS Programmable Electrically Erasable Logic Device
Features
s
s
s
s
Multiple Speed Power, Temperature Options
- VCC = 5 Volts ±10%
- Speeds ranging from 5ns to 25 ns
- Power as low as 37mA at 25MHz
- Commercial and industrial versions available
s
s
s
s
CMOS Electrically Erasable Technology
- Superior factory testing
- Reprogrammable in plastic package
- Reduces retrofit and development costs
s
s
s
s
Development / Programmer Support
- Third party software and programmers
- ICT PLACE Development Software and PDS-3
programmer
- PLD-to-PEEL JEDEC file translator
Architectural Flexibility
- Enhanced architecture fits in more logic
- 74 product terms x 36 input AND array
- 10 inputs and 8 I/O pins
- 12 possible macrocell configurations
- Asynchronous clear
- Independent output enables
-- 20 Pin DIP/SOIC/TSSOP and PLCC
s
s
s
s
Application Versatility
- Replaces random logic
- Super sets PLDs (PAL, GAL, EPLD)
- Enhanced Architecture fits more logic than ordinary
PLDs


Similar Part No. - PEEL18CV8P-15

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25 ANACHIP-PEEL18CV8ZJ-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25L ANACHIP-PEEL18CV8ZJ-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25 ANACHIP-PEEL18CV8ZJI-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25L ANACHIP-PEEL18CV8ZJI-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8P-15

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com