Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB017B03Q8-0-T3-G Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB017B03Q8-0-T3-G
Description  Dual P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB017B03Q8-0-T3-G Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB017B03Q8-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB017B03Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C107Q8
Issued Date : 2016.03.01
Revised Date :
Page No. : 5/9
MTB017B03Q8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0
5
10
15
20
25
30
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-75 -50 -25
0
25
50 75 100 125 150 175 200
Tj, Junction Temperature(°C)
ID=-250
μA
ID=-1mA
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1ms
1s
100
μs
RDSON
limited
TA=25°C, Tj=175°C
VGS=-10V, RθJA=62.5°C/W
Single Pulse
10
Gate Charge Characteristics
0
2
4
6
8
10
0
6
12
18
24
30
36
Qg, Total Gate Charge(nC)
ID=-8A
VDS=-10V
VDS=-15V
Maximum Drain Current vs Junction Temperature
0
1
2
3
4
5
6
7
8
9
10
25
50
75
100
125
150
175
200
Tj, Junction Temperature(°C)
TA=25°C, VGS=-10V, RθJA=62.5°C/W
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
Pulsed
Ta=25°C
VDS=-15V
VDS=-10V


Similar Part No. - MTB017B03Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB010A03H8 CYSTEKEC-MTB010A03H8 Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010A03H8-0-T6-G CYSTEKEC-MTB010A03H8-0-T6-G Datasheet
435Kb / 10P
   Dual N-Channel Enhancement Mode Power MOSFET
MTB010N02DFJ6 CYSTEKEC-MTB010N02DFJ6 Datasheet
670Kb / 9P
   25V N-CHANNEL Enhancement Mode MOSFET
MTB010N06I3 CYSTEKEC-MTB010N06I3 Datasheet
357Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
MTB010N06RI3 CYSTEKEC-MTB010N06RI3 Datasheet
605Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB017B03Q8-0-T3-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTA9D0B03Q8 CYSTEKEC-MTA9D0B03Q8 Datasheet
295Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9620Q8 CYSTEKEC-MTDP9620Q8 Datasheet
401Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
MTDP9933KQ8 CYSTEKEC-MTDP9933KQ8 Datasheet
416Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805B ACE-ACE14805B Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.2
logo
Advanced Power Electron...
AP3B026M A-POWER-AP3B026M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Shenzhen Huazhimei Semi...
HM4805B HMSEMI-HM4805B Datasheet
778Kb / 6P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4885A HMSEMI-HM4885A Datasheet
975Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
HM4803 HMSEMI-HM4803 Datasheet
554Kb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
logo
ACE Technology Co., LTD...
ACE14805SB ACE-ACE14805SB Datasheet
1Mb / 7P
   Dual P-Channel Enhancement Mode Power MOSFET
VER 1.1
logo
Advanced Power Electron...
AP36016M A-POWER-AP36016M Datasheet
71Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTA40B03Q8 CYSTEKEC-MTA40B03Q8 Datasheet
661Kb / 9P
   Dual P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com