Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTB080P06M3-0-T2-G Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MTB080P06M3-0-T2-G
Description  P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06M3-0-T2-G Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  MTB080P06M3-0-T2-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06M3-0-T2-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069M3
Issued Date : 2016.04.19
Revised Date :
Page No. : 6/9
MTB080P06M3
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
2
4
6
8
10
12
14
16
18
02
4
6
-VGS, Gate-Source Voltage(V)
8
VDS=-10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
50
100
150
200
250
300
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=62.5°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, Square Wave Pulse Duration(s)
D=0.5
0.2
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=62.5°C/W
0.1
0.05
0.02
0.01
Single Pulse
Reel Dimension


Similar Part No. - MTB080P06M3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3-0-T3-G CYSTEKEC-MTB080P06L3-0-T3-G Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB080P06M3-0-T2-G

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com