Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7C199-12 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # 7C199-12
Description  32K x 8 Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

7C199-12 Datasheet(HTML) 5 Page - Cypress Semiconductor

  7C199-12 Datasheet HTML 1Page - Cypress Semiconductor 7C199-12 Datasheet HTML 2Page - Cypress Semiconductor 7C199-12 Datasheet HTML 3Page - Cypress Semiconductor 7C199-12 Datasheet HTML 4Page - Cypress Semiconductor 7C199-12 Datasheet HTML 5Page - Cypress Semiconductor 7C199-12 Datasheet HTML 6Page - Cypress Semiconductor 7C199-12 Datasheet HTML 7Page - Cypress Semiconductor 7C199-12 Datasheet HTML 8Page - Cypress Semiconductor 7C199-12 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY7C199
Document #: 38-05160 Rev. *A
Page 5 of 13
tPD
CE HIGH to Power-down
20
20
20
25
ns
Write Cycle[10,11]
tWC
Write Cycle Time
20
25
35
45
ns
tSCE
CE LOW to Write End
15
18
22
22
ns
tAW
Address Set-up to Write End
15
20
30
40
ns
tHA
Address Hold from Write End
0
0
0
0
ns
tSA
Address Set-up to Write Start
0
0
0
0
ns
tPWE
WE Pulse Width
15
18
22
22
ns
tSD
Data Set-up to Write End
10
10
15
15
ns
tHD
Data Hold from Write End
0
0
0
0
ns
tHZWE
WE LOW to High-Z[9]
10
11
15
15
ns
tLZWE
WE HIGH to Low-Z[8]
3
3
3
3
ns
Switching Characteristics Over the Operating Range (-20, -25, -35, -45)[3, 7]
Parameter
Description
7C199-20
7C199-25
7C199-35
7C199-45
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Switching Waveforms
Read Cycle No. 1[12, 13]
Read Cycle No. 2 [13, 14]
Notes:
12. Device is continuously selected. OE, CE = VIL.
13. WE is HIGH for read cycle.
14. Address valid prior to or coincident with CE transition LOW.
ADDRESS
DATA OUT
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
DATA OUT
HIGH IMPEDANCE
IMPEDANCE
ICC
ISB
tHZOE
tHZCE
tPD
OE
CE
HIGH
VCC
SUPPLY
CURRENT


Similar Part No. - 7C199-12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
7C192-12 CYPRESS-7C192-12 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
7C192-15 CYPRESS-7C192-15 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
7C192-20 CYPRESS-7C192-20 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
7C192-25 CYPRESS-7C192-25 Datasheet
175Kb / 10P
   64K x 4 Static RAM with Separate I/O
More results

Similar Description - 7C199-12

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com