Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL18CV8J-25 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PEEL18CV8J-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEEL18CV8J-25 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PEEL18CV8J-25 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL18CV8J-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
04-02-004H
International
CMOS
Technology
®
PEELTM 18CV8
Function Description
The PEEL18CV8 implements logic functions as sum-of-
products expressions in a programmable-AND/fixed-OR
logic array. User-defined functions are created by program-
ming the connections of input signals into the array. User-
configurable output structures in the form of I/O macrocells
further increase logic flexibility.
Architecture Overview
The PEEL18CV8 architecture is illustrated in the block dia-
gram of Figure 2. Ten dedicated inputs and 8 I/Os provide
up to 18 inputs and 8 outputs for creation of logic functions.
At the core of the device is a programmable electrically-
erasable AND array which drives a fixed OR array. With
this structure, the PEEL18CV8 can implement up to 8 sum-
of-products logic expressions.
Associated with each of the 8 OR functions is an I/O mac-
rocell which can be independently programmed to one of
12 different configurations. The programmable macrocells
allow each I/O to create sequential or combinatorial logic
functions of active-high or active-low polarity, while provid-
ing three different feedback paths into the AND array.
AND/OR LOGIC ARRAY
The programmable AND array of the PEEL18CV8 (shown
in Figure 3) is formed by input lines intersecting product
terms. The input lines and product terms are used as fol-
lows:
s
s
s
s
36 Input Lines:
- 20 input lines carry the true and complement of the
signals applied to the 10 input pins
- 16 additional lines carry the true and complement val-
ues of feedback or input signals from the 8 I/Os
s
s
s
s
74 product terms:
- 64 product terms (arranged in groups of 8) are used
to form sum of product functions
- 8 output enable terms (one for each I/O)
- 1 global synchronous preset term
- 1 global asynchronous clear term
At each input-line/product-term intersection, there is an
EEPROM memory cell that determines whether or not
there is a logical connection at that intersection. Each prod-
uct term is essentially a 36-input AND gate. A product term
that is connected to both the true and complement of an
input signal will always be FALSE and thus will not affect
the OR function that it drives. When all the connections on
a product term are opened, a “don’t care” state exists and
that term will always be TRUE.
When programming the PEEL18CV8, the device program-
mer first performs a bulk erase to remove the previous pat-
tern. The erase cycle opens every logical connection in the
array. The device is configured to perform the user-defined
function by programming selected connections in the AND
array. (Note that PEEL device programmers automatically
program all of the connections on unused product terms so
that they will have no effect on the output function).
Programmable I/O Macrocell
The unique twelve-configuration output macrocell provides
complete control over the architecture of each output. The
ability to configure each output independently permits
users to tailor the configuration of the PEEL18CV8 to the
precise requirements of their designs.
Macrocell Architecture
Each I/O macrocell, as shown in Figure 4, consists of a D-
type flip-flop and two signal-select multiplexers. The config-
uration of each macrocell is determined by the four
EEPROM bits controlling these multiplexers. These bits
determine output polarity, output type (registered or non-
registered) and input-feedback path (bidirectional I/O, com-
binatorial feedback). Refer to Table 1 for details.
Equivalent circuits for the twelve macrocell configurations
are illustrated in Figure 5. In addition to emulating the four
PAL-type output structures (configurations 3,4,9, and 10),
the macrocell provides eight additional configurations.
When creating a PEEL device design, the desired macro-
cell configuration generally is specified explicitly in the
design file. When the design is assembled or compiled, the
macrocell configuration bits are defined in the last lines of
the JEDEC programming file.
Output Type
The signal from the OR array can be fed directly to the out-
put pin (combinatorial function) or latched in the D-type flip-
flop (registered function). The D-type flip-flop latches data
on the rising edge of the clock and is controlled by the glo-
bal preset and clear terms. When the synchronous preset
term is satisfied, the Q output of the register will be set
HIGH at the next rising edge of the clock input. Satisfying
the asynchronous clear will set Q LOW, regardless of the
clock state. If both terms are satisfied simultaneously, the
clear will override the preset.
Output Polarity
Each macrocell can be configured to implement active-high
or active-low logic. Programmable polarity eliminates the
need for external inverters.
Output Enable
The output of each I/O macrocell can be enabled or dis-
abled under the control of its associated programmable
output enable product term. When the logical conditions
programmed on the output enable term are satisfied, the
output signal is propagated to the I/O pin. Otherwise, the
output buffer is switched into the high-impedance state.
Under the control of the output enable term, the I/O pin can


Similar Part No. - PEEL18CV8J-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25 ANACHIP-PEEL18CV8ZJ-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25L ANACHIP-PEEL18CV8ZJ-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25 ANACHIP-PEEL18CV8ZJI-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25L ANACHIP-PEEL18CV8ZJI-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8J-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com