Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5624BUR Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5624BUR
Description  0.56 inch Dual Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5624BUR Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5624BUR Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5624BUR Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5624BUR Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121713
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Dual Digit 7 Segment LED Display
Internal Circuit Diagram
LD5624A (Common Cathode)
LD5624B(Common Anode)
Selection Guide
Dual Digit 7 Segment LED Display, Digit Height: 14.20mm(0.56 inch), External Dimensions:
25.00x19.00x8.00mm (L x W x H)
Part No.
Chip
IV@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5624AR
LD5624BR
GaAlAs
Super Red
640
8
10
8
10
LD5624AD
LD5624BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5624AO
LD5624BO
GaAsP
Orange
625
7
9
7
9
LD5624AY
LD5624BY
GaAsP
Yellow
588
8
10
8
10
LD5624AG
LD5624BG
GaP
Green
568
7
9
7
9
LD5624AUR
LD5624BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5624AUO
LD5624BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5624AUA
LD5624BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5624AUY
LD5624BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5624AUG
LD5624BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5624APG
LD5624BPG
InGaN
Pure Green
525
120
300
120
300
LD5624AUB
LD5624BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5624AUW
LD5624BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5624BUR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621AD LIGHTKEY-LD5621AD Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621AG LIGHTKEY-LD5621AG Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621AO LIGHTKEY-LD5621AO Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621APG LIGHTKEY-LD5621APG Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
More results

Similar Description - LD5624BUR

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5613AB LIGHTKEY-LD5613AB Datasheet
158Kb / 3P
   0.56 inch Single Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com