Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD5624BUG Datasheet(PDF) 1 Page - LightKey Optoelectronics Ltd.

Part # LD5624BUG
Description  0.56 inch Dual Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5624BUG Datasheet(HTML) 1 Page - LightKey Optoelectronics Ltd.

  LD5624BUG Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5624BUG Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5624BUG Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LightKey
SPEC NO: DS10121713
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 1/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Dual Digit 7 Segment LED Display
LD5624A/B Series - 0.56 inch Dual Digit 7 Segment LED Display
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Features
14.20 mm (0.56 inch) digit high
Excellent digit appearance
Wide viewing angle
Range of emitted colors
I.C. compatible
Low power consumption
White segment, black face
Available options
Alternative emitting luminosity:
Standard or high brightness version
Alternative emitted color
Alternative face and segment color
Alternative font
Both CA and CC versions are available
Cropped terminal pins
RoHS compliant
Package Dimensions
2.54*8=20.32
25.00
12.70
PIN 1
15.24
E
D
DP
C
DIG.1
1.50
F
G
A
B
DIG.2
0.45
8.0°
8.0
19.00
Notes:
1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm(0.01inch)unless other wise noted.
2. Specifications are subject to change without notice.
3. The gap between the reflector and PCB shall not exceed 0.25mm.


Similar Part No. - LD5624BUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621AD LIGHTKEY-LD5621AD Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621AG LIGHTKEY-LD5621AG Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621AO LIGHTKEY-LD5621AO Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621APG LIGHTKEY-LD5621APG Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
More results

Similar Description - LD5624BUG

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5621AB LIGHTKEY-LD5621AB Datasheet
166Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5621CD LIGHTKEY-LD5621CD Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5643AB LIGHTKEY-LD5643AB Datasheet
178Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5613AB LIGHTKEY-LD5613AB Datasheet
158Kb / 3P
   0.56 inch Single Digit 7 Segment LED Display
LD5644AB LIGHTKEY-LD5644AB Datasheet
168Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com