Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG2034DQ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG2034DQ
Description  Single 4:1 Low rON Multiplexers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG2034DQ Datasheet(HTML) 1 Page - Vishay Siliconix

  DG2034DQ Datasheet HTML 1Page - Vishay Siliconix DG2034DQ Datasheet HTML 2Page - Vishay Siliconix DG2034DQ Datasheet HTML 3Page - Vishay Siliconix DG2034DQ Datasheet HTML 4Page - Vishay Siliconix DG2034DQ Datasheet HTML 5Page - Vishay Siliconix DG2034DQ Datasheet HTML 6Page - Vishay Siliconix DG2034DQ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DG2034
Vishay Siliconix
New Product
Document Number: 72418
S-31808—Rev. A, 01-Sept-03
www.vishay.com
1
Single 4:1 Low rON Multiplexers
FEATURES
D Low Voltage Operation (1.8 to 5.5 V)
D Low On-Resistance - rDS(on): 4 W
D Off-Isolation and Crosstalk: -55 dB @ 10 MHz
D Fast Switch - 25 ns tON
D Low Charge Injection - QINJ: 4.7 pC
D Low Power Consumption - 4 mW
BENEFITS
D High Accuracy
D High Bandwidth
D TTL and Low Voltage Logic
Compatibility
D Low Power Consumption
D Reduced PCB Space
APPLICATIONS
D Mixed Signal Routing
D Portable and Battery Operated
Systems
D Low Voltage Data Acquisition
D Modems
D PCMCIA Cards
DESCRIPTION
The DG2034 is a low voltage, low rON, high bandwidth single
4 to 1 analog multiplexer designed for high performance
switching of analog and video signals. Combining low power;
fast switching; low on-resistance, flatness and matching; and
small physical size, the DG2034 is ideal for portable and
battery applications.
Built on Vishay Siliconix’s low voltage CMOS process, the
DG2034 has an epitaxial layer which prevents latchup.
Break-before-make is guaranteed.
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
A1
S2
COM
1
2
3
10
9
Top View
A0
S1
GND
8
MSOP-10
S4
V+
4
5
7
S3
EN
6
Logic
Logic
GND
COM
S3
S4
S1
S2
1
2
3
9
8
7
456
12
11
10
EN
NC
V+
Top View
12-Pin QFN (3 X 3 mm)
A0
NC
A1
TRUTH TABLE
A1
A0
EN
ON Switch
X
X
0
None
0
0
1
S1
0
1
1
S2
1
0
1
S3
1
1
1
S4
ORDERING INFORMATION
Temp Range
Package
Part Number
40 to 85°C
MSOP-10
DG2034DQ
-40 to 85°C
12-Pin QFN (3 x 3 mm)
DG2034DN


Similar Part No. - DG2034DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034DQ-T1-E3 VISHAY-DG2034DQ-T1-E3 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
DG2034DQ-T1-E3 VISHAY-DG2034DQ-T1-E3 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
More results

Similar Description - DG2034DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2034 VISHAY-DG2034_V01 Datasheet
166Kb / 10P
   Single 4:1 Low rON Multiplexers
01-Jan-2022
DG2034 VISHAY-DG2034_08 Datasheet
140Kb / 8P
   Single 4:1 Low rON Multiplexers
Rev. D, 28-Jan-08
logo
Protek Devices
PA2034 PROTEC-PA2034 Datasheet
273Kb / 9P
   Single 4:1 Low RON Multiplexer
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
logo
Texas Instruments
TMUX6208 TI-TMUX6208_V02 Datasheet
3Mb / 51P
[Old version datasheet]   TMUX620x 36 V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8 V Logic
AUGUST 2021
TMUX6208 TI-TMUX6208_V01 Datasheet
2Mb / 49P
[Old version datasheet]   TMUX620x 36-V, Low-Ron, 8:1 1-Channel and 4:1, 2-Channel Precision Multiplexers with 1.8-V Logic
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
   3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
logo
Vishay Siliconix
DG9414 VISHAY-DG9414 Datasheet
77Kb / 9P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. F, 17-Feb-03
DG9414 VISHAY-DG9414_08 Datasheet
135Kb / 10P
   Single 4 x 1 and Dual 2 x 1 Multiplexers
Rev. G, 14-May-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com