Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL18CV8S-5 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # PEEL18CV8S-5
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEEL18CV8S-5 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button PEEL18CV8S-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEEL18CV8S-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
04-02-004H
International
CMOS
Technology
®
PEELTM 18CV8
Absolute Maximum Ratings
Operating Range
Symbol
Parameter
Conditions
Rating
Unit
VCC
Supply Voltage
Relative to Ground
-0.5 to + 6.0
V
VI, VO
Voltage Applied to Any Pin
2
Relative to Ground
1
-0.5 to VCC + 0.6
V
IO
Output Current
Per Pin (IOL, IOH)±25
mA
TST
Storage Temperature
-65 to +150
°C
TLT
Lead Temperature
Soldering 10 Seconds
+300
°C
Symbol
Parameter
Conditions
Min
Max
Unit
Vcc
Supply Voltage
Commercial
4.75
5.25
V
Industrial
4.5
5.5
V
TA
Ambient Temperature
Commercial
0
+70
°C
Industrial
-40
+85
°C
TR
Clock Rise Time
See Note 3.
20
ns
TF
Clock Fall TIme
See Note 3.
20
ns
TRVCC
VCC Rise Time
See Note 3.
250
ms
Symbol
Parameter
Conditions
Min
Max
Unit
VOH
Output HIGH Voltage - TTL
VCC = Min, IOH = -4.0 mA
2.4
V
VOHC
Output HIGH Voltage - CMOS12
VCC = Min, IOH = -10 µA
VCC - 0.3
V
VOL
Output LOW Voltage - TTL
VCC = Min, IOL = 16mA/24mA13
0.5
V
VOLC
Output LOW Voltage - CMOS12
VCC = Min, IOL = 10 µA
0.15
V
VIH
Input HIGH level
2.0
VCC + 0.3
V
VIL
Input LOW Voltage
-0.3
0.8
V
IIL
Input, I/O Leakage Current LOW
Input and I/O pull-ups disabled
VCC = Max, VIN = GND, I/O = High Z
-10
µA
IIP
Input, I/O Leakage Current LOW
Input and I/O pull-ups enabled
VCC = Max, VIN = GND, I/O = High Z
-100
µA
IIH
Input, I/O Leakage Current HIGH
VCC = Max, VIN = VCC, I/O = High Z
0 (Typical)
40
µA
ISC9
Output Short Circuit Current
VCC = 5V, VO = 0.5V, TA = 25°C
-30
-135
mA
ICC10
VCC Current, f=1MHz
VIN = 0V or VCC,
f = 25 MHz
All Outputs disabled
4
-5
90
mA
-7
90
-10
110/115
-15
45/55
-25
37/50
CIN7
Input Capacitance
TA = 25°C, VCC = 5.0V
@ f = 1 MHz
6pF
COUT7
Output Capacitance
12
pF
D.C. Electrical Characteristics Over the operating range (Unless otherwise specified)
This device has been designed and tested for the specified
operating ranges. Proper operation outside of these levels
is not guaranteed. Exposure to absolute maximum ratings
may cause permanent damage.


Similar Part No. - PEEL18CV8S-5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25 ANACHIP-PEEL18CV8ZJ-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25L ANACHIP-PEEL18CV8ZJ-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25 ANACHIP-PEEL18CV8ZJI-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25L ANACHIP-PEEL18CV8ZJI-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8S-5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com