Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD60N03L Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQD60N03L
Description  N-Channel Logic Level MOSFETs 30V, 30A, 0.023ohm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD60N03L Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD60N03L Datasheet HTML 1Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 2Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 3Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 4Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 5Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 6Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 7Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 8Page - Fairchild Semiconductor FQD60N03L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2004 Fairchild Semiconductor Corporation
FQD60N03L Rev. B1
Electrical Characteristics T
C = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics (V GS = 4.5V)
Switching Characteristics (V
GS = 10V)
Unclamped Inductive Switching
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
30
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 25V
-
-
1
µA
VGS = 0V
TC = 125
oC
-
-
250
IGSS
Gate to Source Leakage Current
VGS = ±20V
-
-
±100
nA
VGS(TH)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
1
-
3
V
rDS(ON)
Drain to Source On Resistance
ID = 30A, VGS = 10V
-
0.014
0.023
ID = 19A, VGS = 4.5V
-
0.024
0.030
CISS
Input Capacitance
VDS = 15V, V GS = 0V,
f = 1MHz
-
900
-
pF
COSS
Output Capacitance
-
210
-
pF
CRSS
Reverse Transfer Capacitance
-
90
-
pF
Qg(TOT)
Total Gate Charge at 10V
VGS = 0V to 10V
VDD = 15V
ID = 19A
Ig = 1.0mA
-
18
28
nC
Qg(5)
Total Gate Charge at 5V
VGS = 0V to 5V
-
9.6
14
nC
Qg(TH)
Threshold Gate Charge
VGS = 0V to 1V
-
1.0
1.5
nC
Qgs
Gate to Source Gate Charge
-
3.4
-
nC
Qgd
Gate to Drain “Miller” Charge
-
3.4
-
nC
tON
Turn-On Time
VDD = 15V, ID = 7.9A
VGS = 4. 5V, RGS = 18 Ω
-
-
90
ns
td(ON)
Turn-On Delay Time
-
11
-
ns
tr
Rise Time
-
49
-
ns
td(OFF)
Turn-Off Delay Time
-
27
-
ns
tf
Fall Time
-
28
-
ns
tOFF
Turn-Off Time
-
-
83
ns
tON
Turn-On Time
VDD = 15V, ID = 7.9A
VGS = 10 V, RGS = 18 Ω
-
-
48
ns
td(ON)
Turn-On Delay Time
-
6
-
ns
tr
Rise Time
-
26
-
ns
td(OFF)
Turn-Off Delay Time
-
52
-
ns
tf
Fall Time
-
28
-
ns
tOFF
Turn-Off Time
-
-
120
ns
tAV
Avalanche Time
ID = 2.7 A, 3.0 mH
180
-
-
µs
VSD
Source to Drain Diode Voltage
ISD = 19A
-
-
1.25
V
ISD = 10A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 19A, dISD /dt = 100A/µs
-
-
58
ns
QRR
Reverse Recovered Charge
ISD = 19A, dISD /dt = 100A/µs
-
-
70
nC


Similar Part No. - FQD60N03L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQD60N03L ISC-FQD60N03L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

Similar Description - FQD60N03L

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD60N03L KERSEMI-KSMD60N03L Datasheet
1Mb / 6P
   N-Channel Logic Level MOSFETs
logo
Fairchild Semiconductor
HPLR3103 FAIRCHILD-HPLR3103 Datasheet
117Kb / 7P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
ISL9N304AP3 FAIRCHILD-ISL9N304AP3 Datasheet
195Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?
logo
Intersil Corporation
RFP45N03L INTERSIL-RFP45N03L Datasheet
100Kb / 7P
   45A, 30V, 0.022 Ohm, Logic Level, N-Channel Power MOSFETs
HPLR3103 INTERSIL-HPLR3103 Datasheet
71Kb / 6P
   52A, 30V, 0.019 Ohm, N-Channel Logic Level, Power MOSFETs
RFD16N03L INTERSIL-RFD16N03L Datasheet
107Kb / 8P
   16A, 30V, 0.025 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
ISL9N303AP3 FAIRCHILD-ISL9N303AP3 Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?
ISL9N308AP3 FAIRCHILD-ISL9N308AP3 Datasheet
140Kb / 11P
   N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 8m ?
logo
Intersil Corporation
HUF76121D3 INTERSIL-HUF76121D3 Datasheet
361Kb / 10P
   20A, 30V, 0.023 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUF76137P3 INTERSIL-HUF76137P3 Datasheet
108Kb / 10P
   75A, 30V, 0.009 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com