Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCC15DT3 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCC15DT3
Description  USB 2.0 power and data line
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCC15DT3 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCC15DT3 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCC15DT3 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCC15DT3 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
3/3
www.leiditech.com
LCC15DT3
Millimeters
Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.89
1.00
1.11
0.035
0.040
0.044
A1
0.01
0.06
0.10
0.001
0.002
0.004
b
0.37
0.44
0.50
0.15
0.18
0.020
c
0.09
0.13
0.18
0.003
0.005
0.007
D
2.80
2.90
3.04
0.110
0.114
0.120
E
1.20
1.30
1.40
0.047
0.051
0.055
e
1.78
1.90
2.04
0.070
0.075
0.081
L
0.35
0.54
0.69
0.014
0.021
0.029
HE
2.10
2.40
2.64
0.083
0.094
0.104
SOT-23 Package Outline & Dimensions
Symbol
Millimeters
Inches
X
0.80
0.031
X1
0.95
0.037
Y
0.90
0.035
Z
2.00
0.079
Soldering Footprint


Similar Part No. - LCC15DT3

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
LCC10-14AW-L PANDUIT-LCC10-14AW-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14AWF-L PANDUIT-LCC10-14AWF-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14AWH-L PANDUIT-LCC10-14AWH-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14BW-L PANDUIT-LCC10-14BW-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
LCC10-14BWF-L PANDUIT-LCC10-14BWF-L Datasheet
1Mb / 4P
   Copper Compression Lugs For Terminating 14 ??10 AWG Copper Conductors
More results

Similar Description - LCC15DT3

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
   USB 2.0 power and data line
SMD24A LEIDITECH-SMD24A Datasheet
252Kb / 3P
   USB 2.0 power and data line
SMDA24C-8 LEIDITECH-SMDA24C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
   USB 2.0 power and data line
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
   USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
   USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
   USB 2.0 power and data line
SMDA15C-8 LEIDITECH-SMDA15C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
   USB 2.0 power and data line
SD24C LEIDITECH-SD24C Datasheet
131Kb / 3P
   USB 2.0 power and data line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com