Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

151-90-952-00-001 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 151-90-952-00-001
Description  Dual-in-line pin headers Open frame Interconnect
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

151-90-952-00-001 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  151-90-952-00-001 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
72
Series 150 / 151
Dual-in-line pin headers
Open frame
Interconnect
Series 15X header sockets
are equipped with
0.47–0.48 mm male
contacts, pluggable into
standard female contacts
Sockets have 0.64–0.68
mm dia. solder pin
Platings
Sleeve
Clip
Pin
10
0.25
µm Au
90
5
µm Sn Pb
Ordering information
For standard versions see table (order codes)
Option:
Pin diameter 0.47 mm at both ends available with
L = 6.2 mm: 151-xx-xxx-00-009
L = 8.4 mm: 151-xx-xxx-00-010
L = 15.3 mm: 151-xx-xxx-00-011
Plating: replace xx with requested plating code
10
150-xx-210-00-001
151-xx-210-00-xxx
003
004
005
016
017
Fig. 1
12.6
5.08
7.6
4
150-xx-304-00-001
151-xx-304-00-xxx
003
004
005
016
017
Fig. 2
5.0
7.62 10.1
6
150-xx-306-00-001
151-xx-306-00-xxx
003
004
005
016
017
Fig. 3
7.6
7.62 10.1
8
150-xx-308-00-001
151-xx-308-00-xxx
003
004
005
016
017
Fig. 4
10.1
7.62 10.1
10
150-xx-310-00-001
151-xx-310-00-xxx
003
004
005
016
017
Fig. 5
12.6
7.62 10.1
12
150-xx-312-00-001
151-xx-312-00-xxx
003
004
005
016
017
aFig. 5a
15.2
7.62 10.1
14
150-xx-314-00-001
151-xx-314-00-xxx
003
004
005
016
017
Fig. 6
17.7
7.62 10.1
16
150-xx-316-00-001
151-xx-316-00-xxx
003
004
005
016
017
Fig. 7
20.3
7.62 10.1
18
150-xx-318-00-001
151-xx-318-00-xxx
003
004
005
016
017
Fig. 8
22.8
7.62 10.1
20
150-xx-320-00-001
151-xx-320-00-xxx
003
004
005
016
017
Fig. 9
25.3
7.62 10.1
22
150-xx-322-00-001
151-xx-322-00-xxx
003
004
005
016
017
Fig. 10
27.8
7.62 10.1
24
150-xx-324-00-001
151-xx-324-00-xxx
003
004
005
016
017
Fig. 11
30.4
7.62 10.1
28
150-xx-328-00-001
151-xx-328-00-xxx
003
004
005
016
017
Fig. 12
35.5
7.62 10.1
20
150-xx-420-00-001
151-xx-420-00-xxx
003
004
005
016
017
aFig. 12a
25.3 10.16 12.6
22
150-xx-422-00-001
151-xx-422-00-xxx
003
004
005
016
017
Fig. 13
27.8 10.16 12.6
24
150-xx-424-00-001
151-xx-424-00-xxx
003
004
005
016
017
Fig. 14
30.4 10.16 12.6
28
150-xx-428-00-001
151-xx-428-00-xxx
003
004
005
016
017
Fig. 15
35.5 10.16 12.6
32
150-xx-432-00-001
151-xx-432-00-xxx
003
004
005
016
017
Fig. 16
40.6 10.16 12.6
10
150-xx-610-00-001
151-xx-610-00-xxx
003
004
005
016
017
aFig. 16a
12.6 15.24 17.7
24
150-xx-624-00-001
151-xx-624-00-xxx
003
004
005
016
017
Fig. 17
30.4 15.24 17.7
28
150-xx-628-00-001
151-xx-628-00-xxx
003
004
005
016
017
Fig. 18
35.5 15.24 17.7
32
150-xx-632-00-001
151-xx-632-00-xxx
003
004
005
016
017
Fig. 19
40.6 15.24 17.7
36
150-xx-636-00-001
151-xx-636-00-xxx
003
004
005
016
017
Fig. 20
45.7 15.24 17.7
40
150-xx-640-00-001
151-xx-640-00-xxx
003
004
005
016
017
Fig. 21
50.6 15.24 17.7
42
150-xx-642-00-001
151-xx-642-00-xxx
003
004
005
016
017
Fig. 22
53.2 15.24 17.7
48
150-xx-648-00-001
151-xx-648-00-xxx
003
004
005
016
017
Fig. 23
60.9 15.24 17.7
50
150-xx-650-00-001
151-xx-650-00-xxx
003
004
005
016
017
Fig. 24
63.4 15.24 17.7
52
150-xx-652-00-001
151-xx-652-00-xxx
003
004
005
016
017
Fig. 25
65.9 15.24 17.7
50
150-xx-950-00-001
151-xx-950-00-xxx
003
004
005
016
017
Fig. 26
63.4 22.86 25.3
52
150-xx-952-00-001
151-xx-952-00-xxx
003
004
005
016
017
Fig. 27
65.9 22.86 25.3
64
150-xx-964-00-001
151-xx-964-00-xxx
003
004
005
016
017
Fig. 28
81.1 22.86 25.3
No.
Order Codes
Insulator
of
dimen-
poles
Platings: see ordering information
sions
Fig. 1 L = 4.0 mm
Fig. 2 L =
6.2
8.4
15.3
21.2
27.4
See
ABC
mm
mm
mm
mm
mm
page 50
B
B
B
B
B
Products not available from stock. Please consult PRECI-DIP.
B
Fig. 1
Fig. 2


Similar Part No. - 151-90-952-00-001

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
151-00023 GAMEWELL-FCI-151-00023 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
151-00027 GAMEWELL-FCI-151-00027 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
151-00028 GAMEWELL-FCI-151-00028 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
151-00029 GAMEWELL-FCI-151-00029 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
logo
Glenair, Inc.
151-001-1-1 GLENAIR-151-001-1-1 Datasheet
354Kb / 1P
   U-229 ??MIL-DTL-55116 Type Audio Plugs Field Serviceable with Wire Strain Relief
More results

Similar Description - 151-90-952-00-001

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-91-210-41-105 PREDIP-110-91-210-41-105 Datasheet
36Kb / 1P
   Dual-in-line sockets and headers Open frame / surface mount
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
153-90-210-00-001 PREDIP-153-90-210-00-001 Datasheet
42Kb / 1P
   Dual-in-line pin / slotted / turret / solder cup headers / open frame / solder tail / wire-wrap posts
110-91-308-41-105161 PREDIP-110-91-308-41-105161 Datasheet
32Kb / 1P
   Dual-in-line sockets and headers / open frame / surface mount pick and place
612-91-210-41-001 PREDIP-612-91-210-41-001 Datasheet
42Kb / 1P
   Dual-in-line pin carrier assemblies Open frame Solder tail
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
110-91-210-41-005 PREDIP-110-91-210-41-005 Datasheet
39Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com