Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHV-4AN Datasheet(PDF) 5 Page - TDK Electronics

Part # FHV-4AN
Description  Ultra High Voltage Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FHV-4AN Datasheet(HTML) 5 Page - TDK Electronics

  FHV-4AN Datasheet HTML 1Page - TDK Electronics FHV-4AN Datasheet HTML 2Page - TDK Electronics FHV-4AN Datasheet HTML 3Page - TDK Electronics FHV-4AN Datasheet HTML 4Page - TDK Electronics FHV-4AN Datasheet HTML 5Page - TDK Electronics FHV-4AN Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
(5/6)
001-01 / 20140509 / uhv_fhv_en.fm
• All specifications are subject to change without notice.
CAPACITORS
FHV series 
FHV-153AN, FHV-1AN to FHV-12AN
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
Class 2 (Temperature Stable)
Temperature Characteristics:Y5S(–30 to +85°C, ±22%)
PC:Pico coulomb.
Part No.
Rated voltage
Capacitance
Withstanding
voltage
Dissipation factor
(tan
G)
Insulation
resistance
AC Corona starting
voltage
(kV)
(pF)±10%
nom.
(kV)
[1min, in oil]
(%) max.
(M
:) min.
(kV) min.
[3PC ]
FHV-153AN
15
7,000
22.5
0.2
100000
7.5
FHV-1AN
20
1,700
30
0.2
100000
10
FHV-2AN
20
3,000
30
0.2
100000
10
FHV-3AN
20
5,200
30
0.2
100000
10
FHV-4AN
30
1,200
45
0.2
100000
15
FHV-5AN
30
2,100
45
0.2
100000
15
FHV-6AN
30
3,500
45
0.2
100000
15
FHV-7AN
40
850
60
0.2
100000
20
FHV-8AN
40
1,500
60
0.2
100000
20
FHV-9AN
40
2,600
60
0.2
100000
20
FHV-10AN
50
700
75
0.2
100000
25
FHV-11AN
50
1,300
75
0.2
100000
25
FHV-12AN
50
2,100
75
0.2
100000
25


Similar Part No. - FHV-4AN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FHV-4AN TDK-FHV-4AN Datasheet
49Kb / 3P
   Ultra-high Voltage Ceramic Capacitors Molded Type with Metal Terminals
More results

Similar Description - FHV-4AN

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
GA-14 TDK-GA-14 Datasheet
93Kb / 10P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A_14 Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com