Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEEL18CV8T-7 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PEEL18CV8T-7
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PEEL18CV8T-7 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button PEEL18CV8T-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEEL18CV8T-7 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
04-02-004H
International
CMOS
Technology
®
PEELTM 18CV8
8. Test conditions assume: signal transition times of 3ns or less from the
10% and 90% points, timing reference levels of 1.5V (Unless otherwise
specified).
9. Test one output at a time for a duration of less than 1 second.
10. ICC for a typical application: This parameter is tested with the device
programmed as an 8-bit Counter.
11. Parameters are not 100% tested. Specifications are based on initial
characterization and are tested after any design process modification that
might affect operational frequency.
12. Available only for 18CV8 -15/I-15/-25/I-25 grades
13. 24mA available for 18CV8-5/-7. All other speeds are 16mA.
A.C. Electrical Characteristics
Over the operating range
8
Switching Waveforms
Notes:
1. Minimum DC input is -0.5V, however, inputs may undershoot to -2.0V
for periods less than 20 ns.
2. VI and VO are not specified for program/verify operation.
3. Test Points for Clock and VCC in tR and tF are referenced at the 10%
and 90% levels.
4. I/O pins are 0V and VCC.
5. “Input” refers to an input pin signal.
6. tOE is measured from input transition to VREF±0.1V, TOD is measured
from input transition to VOH-0.1V or VOL+0.1V; VREF=VL.
7. Capacitances are tested on a sample basis.
Symbol
Parameter
-5
-7
-10/I-10
-15/I-15
-25/I-25
Units
Min Max Min Max Min Max Min Max Min
Max
tPD
Input5 to non-registered output
5
7.5
10
15
25
ns
tOE
Input5 to output enable6
5
7.5
10
15
25
ns
tOD
Input5 to output disable6
5
7.5
10
15
25
ns
tCO1
Clock to Output
4
7
7
12
15
ns
tCO2
Clock to comb. output delay
via internal registered feedback
7.5
10
12
25
35
ns
tCF
Clock to Feedback
2.5
3.5
4
8
15
ns
tSC
Input5 or feedback setup to clock
3.5
5
51220
ns
tHC
Input5 hold after clock
00
00
0
ns
tCL, tCH
Clock low time, clock high time8
3
3.5
51015
ns
tCP
Min clock period Ext (tSC + tCO1)
7
12
12
24
35
ns
fMAX1
Internal feedback (1/tSC+tCF)11
166.7
117.6
111
50
28.5
MHz
fMAX2
External Feedback (1/tCP)11
133
83.3
83.3
41.6
28.5
MHz
fMAX3
No Feedback (1/tCL+tCH)11
166.7
142.8
100
50
33.3
MHz
tAW
Asynchronous Reset Pulse Width
5
7.5
10
15
25
ns
tAP
Input
5 to Asynchronous Reset
5
7.5
10
15
25
ns
tAR
Asynchronous Reset recovery time
5
7.5
10
15
25
ns
tRESET
Power-on reset time for registers
in clear state
555
5
5
µs
Inputs, I/O,
Registered Feedback,
Synchronous Preset
Clock
Asynchronous
Reset
Registered
Outputs
Combinatorial
Outputs


Similar Part No. - PEEL18CV8T-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25 ANACHIP-PEEL18CV8ZJ-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJ-25L ANACHIP-PEEL18CV8ZJ-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25 ANACHIP-PEEL18CV8ZJI-25 Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8ZJI-25L ANACHIP-PEEL18CV8ZJI-25L Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8T-7

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18CV8Z ANACHIP-PEEL18CV8Z Datasheet
442Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com