Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZCAT1518 Datasheet(PDF) 3 Page - TDK Electronics

Part # ZCAT1518
Description  Clamp Filters (Ferrite Core with Case)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZCAT1518 Datasheet(HTML) 3 Page - TDK Electronics

  ZCAT1518 Datasheet HTML 1Page - TDK Electronics ZCAT1518 Datasheet HTML 2Page - TDK Electronics ZCAT1518 Datasheet HTML 3Page - TDK Electronics ZCAT1518 Datasheet HTML 4Page - TDK Electronics ZCAT1518 Datasheet HTML 5Page - TDK Electronics ZCAT1518 Datasheet HTML 6Page - TDK Electronics ZCAT1518 Datasheet HTML 7Page - TDK Electronics ZCAT1518 Datasheet HTML 8Page - TDK Electronics ZCAT1518 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
(3/13)
001-01 / 20130723 / e9a15_zcat.fm
• All specifications are subject to change without notice.
EMC Components
Clamp Filters (Ferrite Core with Case)
For cable
FEATURES
Using TDK's unique structure where the ferrite core is mounted and integrated in a plastic case, it is possible to attach them to interface
cables and power cables with one touch without having to cut the cables.
Have excellent absorption of high-frequency noise using the high-frequency absorption characteristics of the ferrite core.
Effective for common mode noise, so can be implemented as a noise countermeasure without influencing signal quality.
Series are according to the outer diameter of the cable in order to be compatible with various cable sizes.
APPLICATION
PCs, word processors, monitors, HDDs, digital telephones, audio equipment, electronic musical instruments, video games, copiers, and
facsimiles
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
Operating temperature range includes self-temperature rise.
Overview of the ZCAT Series
ZCAT
24
36
-
13
30
A
BK
Series
name
Outer
dimensions
Length
dimensions
Inner
dimensions
Core
material
code
Fixing type code
Outer color
code
(mm)
(mm)
(mm)
A
Fixed cable type
(Cable is clamped inside the main body)
BK
Black
Non code
Gray
B
Chassis fixed type
D
Flat cable type
DT
Flat cable type
(Double-sided tape fixed type)
Non code
Band fixed type
(Cable is secured to the main body by a nylon band)
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage condition after
engagement
Temperature range for
engagement work
(°C)
(°C)
(°C)
(pieces/box)
(g)
ZCAT3035
–40 to +85
–40 to +85
0 to +50
200
64.8
ZCAT2017-B
–40 to +85
–40 to +85
0 to +50
350
11.5
ZCAT2235
–40 to +85
–40 to +85
0 to +50
400
26.0
ZCAT2436
–40 to +85
–40 to +85
0 to +50
400
29.0
ZCAT2032
–40 to +85
–40 to +85
0 to +50
420
22.7
ZCAT2035
–40 to +85
–40 to +85
0 to +50
480
21.2
ZCAT2132
–40 to +85
–40 to +85
0 to +50
480
21.6
ZCAT1730
–40 to +85
–40 to +85
0 to +50
840
11.6
ZCAT2017
–40 to +85
–40 to +85
0 to +50
640
11.0
ZCAT1325
–40 to +85
–40 to +85
0 to +50
1,344
6.37
ZCAT1518
–40 to +85
–40 to +85
0 to +50
896
6.1
ZCAT3618-D
–40 to +85
–40 to +85
0 to +50
480
15.6
ZCAT4625-D
–40 to +85
–40 to +85
0 to +50
240
32.5
ZCAT6819-D
–40 to +85
–40 to +85
0 to +50
160
58.4
ZCAT10D
–40 to +85
–40 to +85
0 to +50
770
5.6
ZCAT13D
–40 to +85
–40 to +85
0 to +50
450
14.8
ZCAT20D
–40 to +85
–40 to +85
0 to +50
280
46.3
Product compatible with RoHS directive
Halogen-free
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - ZCAT1518

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZCAT1518 TDK-ZCAT1518 Datasheet
128Kb / 4P
   Clamp Filters For Cable
ZCAT1518 TDK-ZCAT1518 Datasheet
369Kb / 5P
   Clamp Filters (Ferrite Core with Case) For cable
ZCAT1518-0730 TDK-ZCAT1518-0730 Datasheet
128Kb / 4P
   Clamp Filters For Cable
ZCAT1518-0730-BK TDK-ZCAT1518-0730-BK Datasheet
369Kb / 5P
   Clamp Filters (Ferrite Core with Case) For cable
More results

Similar Description - ZCAT1518

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZCAT2035-0930A-BK TDK-ZCAT2035-0930A-BK Datasheet
369Kb / 5P
   Clamp Filters (Ferrite Core with Case) For cable
ZCAT08V-BK TDK-ZCAT08V-BK Datasheet
101Kb / 7P
   Clamp Filters (Ferrite Core with Case) For automobile ECU
logo
Wurth Elektronik GmbH &...
7427134 WURTH-7427134 Datasheet
439Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427133 WURTH-7427133 Datasheet
461Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271318 WURTH-74271318 Datasheet
474Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271358 WURTH-74271358 Datasheet
458Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427132 WURTH-7427132 Datasheet
465Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271378 WURTH-74271378 Datasheet
466Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
logo
ITT Industries
ZCAT-E ITT-ZCAT-E Datasheet
38Kb / 1P
   Clamp Filters For Cable(Sleeve Core Type)
logo
TDK Electronics
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
   Ferrite core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com