Electronic Components Datasheet Search |
|
FA14X7R2A473KNU0 Datasheet(PDF) 3 Page - TDK Electronics |
|
FA14X7R2A473KNU0 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 30 page (3/30) 20150731 / leadmlcc_halogenfree_fa_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS MLCC with Dipped Radial Lead Halogen-free, Automotive Grade FEATURES A complete lineup with a rated voltage of 25V to 630V. Compatible with a wide capacitance range of 1pF to 22μF. The FA series for automotive use is AEC-Q200 compliant. APPLICATION Noise reduction measures for various motors for automotive use Resonant circuits in areas such as keyless entry systems Bypass capacitors such as for switching power sources, smoothing capacitors, etc. Snubber circuits PFC input filters PART NUMBER CONSTRUCTION Applicable capacitance range: Max. 10 pF for C and D, over 10 pF for J, K, and M. Applied to the TDK’s standard specification products. OPERATING TEMPERATURE RANGE The Storage temperature range is for after the circuit board is mounted. Overview of the FA Series FA 2 8 C0G 1H 010 C □□□ □ Series name Lead pitch (mm) LxWxT Dimensions (mm) Capacitance temperature characteristics Rated voltage (V) Nominal capacitance (pF) Capacitance tolerance Internal code Packaging Style 1 2.5 8 4.0x5.5x2.5 C0G 0±30ppm/°C 1E 25 010 1 C ±0.25pF 0 Bulk 2 5.0 4 4.5x5.5x3.0 X7R ±15% 1H 50 100 10 D ±0.5pF 6 Taping 6 5.5x6.0x3.5 X7S ±22% 2A 100 101 100 J ±5% 0 5.5x7.0x4.0 X7T +22, –33% 2E 250 102 1,000 K ±10% 1 5.5x7.0x4.0 2W 450 M ±20% 2 7.5x8.5x4.5 2J 630 Capacitance temperature characteristics Temperature range Operating temperature Storage temperature (°C) (°C) C0G, X7R, X7S, X7T –55 to +125 –55 to +125 Product compatible with RoHS directive Halogen-free RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - FA14X7R2A473KNU0 |
|
Similar Description - FA14X7R2A473KNU0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |