Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N138W Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 6N138W
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138W Datasheet(HTML) 1 Page - Fairchild Semiconductor

  6N138W Datasheet HTML 1Page - Fairchild Semiconductor 6N138W Datasheet HTML 2Page - Fairchild Semiconductor 6N138W Datasheet HTML 3Page - Fairchild Semiconductor 6N138W Datasheet HTML 4Page - Fairchild Semiconductor 6N138W Datasheet HTML 5Page - Fairchild Semiconductor 6N138W Datasheet HTML 6Page - Fairchild Semiconductor 6N138W Datasheet HTML 7Page - Fairchild Semiconductor 6N138W Datasheet HTML 8Page - Fairchild Semiconductor 6N138W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Single-Channel: 6N138, 6N139
Dual-Channel: HCPL-2730, HCPL-2731
Low Input Current High Gain Split
Darlington Optocouplers
Features
■ Low current - 0.5 mA
■ Superior CTR-2000%
■ Superior CMR-10 kV/µs
■ CTR guaranteed 0-70°C
■ U.L. recognized (File # E90700)
■ VDE recognized (File # 120915) Ordering option
V, e.g., 6N138V
■ Dual Channel - HCPL-2730
■ HCPL-2731
Applications
■ Digital logic ground isolation
■ Telephone ring detector
■ EIA-RS-232C line receiver
■ High common mode noise line receiver
■ µP bus isolation
■ Current loop receiver
Description
The 6N138/9 and HCPL-2730/HCPL-2731 optocouplers consist
of an AlGaAs LED optically coupled to a high gain split darling-
ton photodetector.
The split darlington configuration separating the input photo-
diode and the first stage gain from the output transistor permits
lower output saturation voltage and higher speed operation than
possible with conventional darlington phototransistor optocou-
pler. In the dual channel devices, HCPL-2730/HCPL2731, an
integrated emitter - base resistor provides superior stability over
temperature.
The combination of a very low input current of 0.5 mA and a
high current transfer ratio of 2000% makes this family particu-
larly useful for input interface to MOS, CMOS, LSTTL and EIA
RS232C, while output compatibility is ensured to CMOS as well
as high fan-out TTL requirements. An internal noise shield pro-
vides exceptional common mode rejection of 10 kV/µs.
PackageSchematic
8
8
1
8
1
1
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
6N138 / 6N139
N/C
N/C
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
HCPL-2730 / HCPL-2731
V
F2
_
+


Similar Part No. - 6N138W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138W FAIRCHILD-6N138W Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138W FAIRCHILD-6N138W Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138WV FAIRCHILD-6N138WV Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138WV FAIRCHILD-6N138WV Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
More results

Similar Description - 6N138W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com