Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3207IAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3207IAZ
Description  Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3207IAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3207IAZ Datasheet HTML 1Page - Intersil Corporation ICL3207IAZ Datasheet HTML 2Page - Intersil Corporation ICL3207IAZ Datasheet HTML 3Page - Intersil Corporation ICL3207IAZ Datasheet HTML 4Page - Intersil Corporation ICL3207IAZ Datasheet HTML 5Page - Intersil Corporation ICL3207IAZ Datasheet HTML 6Page - Intersil Corporation ICL3207IAZ Datasheet HTML 7Page - Intersil Corporation ICL3207IAZ Datasheet HTML 8Page - Intersil Corporation ICL3207IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN4892.5
ICL3207, ICL3217
Low Power, +3V to +5.5V, 250kbps,
RS-232 Transmitters/Receivers
The Intersil ICL32X7 devices are 3.0V to 5.5V powered
RS-232 transmitters (five)/receivers (three) which meet
ElA/TIA-232 and V.28/V.24 specifications, even at
VCC = 3.0V. Targeted applications are ISDN Terminal
Adaptors, PDAs, Palmtops, peripherals, and notebook and
laptop computers where the low operational, and even lower
standby, power consumption is critical. The ICL3217’s
efficient on-chip charge pumps, coupled with an automatic
powerdown function, reduces the standby supply current to
a 1
µA trickle. Small footprint packaging, and the use of
small, low value capacitors ensure board space savings as
well. Data rates greater than 250kbps are guaranteed at
worst case load conditions. This family is fully compatible
with 3.3V only systems, mixed 3.3V and 5.0V systems, and
5.0V only systems, and is a lower power, pin-for-pin
replacement for ‘207 and ‘237 type devices.
The ICL3217 features an automatic powerdown function
which powers down the on-chip power-supply and driver
circuits. This occurs when an attached peripheral device is
shut off or the RS-232 cable is removed, conserving system
power automatically, without changes to the hardware or
operating system. The ICL3217 powers up again when a
valid RS-232 voltage is applied to any receiver input.
Table 1 summarizes the features of the devices represented
by this data sheet, while application Note AN9863
summarizes the features of each device comprising the
ICL32XX 3V family.
Features
• Pb-free Available as an Option (see Ordering Info)
±15kV ESD Protected (Human Body Model)
• 5V Lower Power Replacement for MAX207, HIN207,
HIN237
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Automatic Powerdown (ICC = 1µA, ICL3217 Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- ISDN Terminal Adaptors and Set Top Boxes
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF MONITOR
Rx. (ROUTB)
DATA RATE
(kbps)
Rx. ENABLE
FUNCTION?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3207
5
3
0
250
NO
NO
NO
ICL3217
5
3
0
250
NO
NO
YES
Data Sheet
July 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001, 2004. All Rights Reserved


Similar Part No. - ICL3207IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3207IAZ INTERSIL-ICL3207IAZ Datasheet
240Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207IAZ RENESAS-ICL3207IAZ Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3207IAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICL3207 RENESAS-ICL3207 Datasheet
624Kb / 12P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207 INTERSIL-ICL3207_05 Datasheet
240Kb / 11P
   Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3207E RENESAS-ICL3207E Datasheet
657Kb / 13P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3207E INTERSIL-ICL3207E Datasheet
329Kb / 12P
   /- 15kV ESD Protected, 3V to 5.5V, Low Power, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
RS-232 INTERSIL-RS-232 Datasheet
750Kb / 33P
   ±15kV ESD Protected, 3V to 5.5V, 1µA, 250kbps, RS-232 Transmitters/Receivers
December 9, 2015
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com