Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA5H0380R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # KA5H0380R
Description  SPS consist of high voltage power SenseFET and current mode PWM IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA5H0380R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  KA5H0380R Datasheet HTML 1Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 2Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 3Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 4Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 5Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 6Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 7Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 8Page - Fairchild Semiconductor KA5H0380R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
KA5H0380R/KA5M0380R/KA5L0380R
3
Electrical Characteristics (SFET part)
(Ta = 25
°C unless otherwise specified)
Note:
Pulse test: Pulse width < 300
µS, duty < 2%
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=50
µA
800
−−
V
Zero gate voltage drain current
IDSS
VDS=Max., Rating,
VGS=0V
−−
250
µA
VDS=0.8Max., Rating,
VGS=0V, TC=125
°C
−−
1000
µA
Static drain-source on resistance (note)
RDS(ON)
VGS=10V, ID=0.5A
45
Forward transconductance (note)
gfs
VDS=50V, ID=0.5A
1.5
2.5
S
Input capacitance
Ciss
VGS=0V, VDS=25V,
f=1MHz
779
pF
Output capacitance
Coss
75.6
Reverse transfer capacitance
Crss
24.9
Turn on delay time
td(on)
VDD=0.5BVDSS, ID=1.0A
(MOSFET switching
time are essentially
independent of
operating temperature)
40
nS
Rise time
tr
95
Turn off delay time
td(off)
150
Fall time
tf
60
Total gate charge
(gate-source+gate-drain)
Qg
VGS=10V, ID=1.0A,
VDS=0.5BVDSS (MOSFET
switching time are
essentially independent of
operating temperature)
−−
34
nC
Gate-source charge
Qgs
7.2
Gate-drain (Miller) charge
Qgd
12.1
S
1
R
----
=


Similar Part No. - KA5H0380R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA5H0380R FAIRCHILD-KA5H0380R Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5H0380R FAIRCHILD-KA5H0380R Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
KA5H0380RTU FAIRCHILD-KA5H0380RTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
KA5H0380RTU FAIRCHILD-KA5H0380RTU Datasheet
654Kb / 14P
   Fairchild Power Switch(FPS)
KA5H0380RYDTU FAIRCHILD-KA5H0380RYDTU Datasheet
944Kb / 20P
   Fairchild Power Switch(FPS)
More results

Similar Description - KA5H0380R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
   SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
List of Unclassifed Man...
THX202H ETC-THX202H Datasheet
559Kb / 21P
   PWM Controller of High-performance Current Mode
logo
Supertex, Inc
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com