Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB06-600TWRG Datasheet(PDF) 5 Page - STMicroelectronics

Part # BTB06-600TWRG
Description  SNUBBERLESS?? LOGIC LEVEL & STANDARD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB06-600TWRG Datasheet(HTML) 5 Page - STMicroelectronics

  BTB06-600TWRG Datasheet HTML 1Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 2Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 3Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 4Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 5Page - STMicroelectronics BTB06-600TWRG Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BTA/BTB06 Series
5/6
Fig. 7: Relative variation of gate trigger current,
holding current and latching current versus
junction temperature (typical values).
Fig. 8-1: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values). Snubberless & Logic Level Types
Fig. 8-2: Relative variation of critical rate of
decrease of main current versus (dV/dt)c (typical
values). Standard Types
Fig. 9: Relative variation of critical rate of
decrease
of
main
current
versus
junction
temperature.
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL[Tj] / IGT,IH,IL [Tj=25°C]
IGT
IH & IL
Tj(°C)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
BW/CW
SW
TW
(dV/dt)c (V/µs)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
C
B
(dV/dt)c (V/µs)
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [Tj] / (dI/dt)c [Tj specified]
Tj(°C)


Similar Part No. - BTB06-600TWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06-600TWRG STMICROELECTRONICS-BTB06-600TWRG Datasheet
76Kb / 7P
   6A TRIACS
More results

Similar Description - BTB06-600TWRG

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12T NELLSEMI-12T Datasheet
659Kb / 7P
   Snubberless, Logic Level and Standard
16T NELLSEMI-16T Datasheet
661Kb / 7P
   Snubberless, Logic Level and Standard
logo
STMicroelectronics
T435-800T STMICROELECTRONICS-T435-800T Datasheet
119Kb / 10P
   SNUBBERLESS??& LOGIC LEVEL
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com