Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR10200 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SR10200
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SR10200 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SR10200 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SR10200 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JF
SR10100
SR1020 THRU SR10 0
20
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 10.0Amperes
R
SEMICONDUCT OR
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
2.Thermal resistance from junction to case
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(see Fig.1)
Maximum instantaneous forward voltage
at 10.0 A(Note 1 )
T =25 C
°
T =100 C
°
A
A
Typical thermal
(Note 2)
resistance
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Note 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
-55 to+150
2.5
200
5
-
°C/W
°C
°C
TJ
20
14
20
30
21
30
40
28
40
60
42
60
100
70
100
10.0
150.0
Symbols
Units
SR
1020
SR
30
10
SR
40
10
SR
60
10
SR
100
01
FEATURES
MECHANICAL DATA
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
Single rectifier construction
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:2 0 C/10 seconds,
0.25"(6.35mm)from case
6
Component in accordance to RoHS 2011 65 EU
°
//
Case: JEDEC TO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750,method 2026
Polarity: As marked
Any
Mounting Position:
SR
0
1020
SR
0
1015
150
105
200
140
150
200
060
.
0.75
0.85
0.95
0.90
Dimensions in inches and (millimeters)
TO-220AC
1.161(29.50)
0.159(4.05)
0.208(5.28)
0.037(0.94)
0.113(2.88)
0.161(4.10)
0.610(15.50)
0.114(2.90)
0.055(1.39)
0.185(4.70)
0.283(7.20)
0.560(14.22)
0.023(0.58)
1.106(28.10)
0.140(3.55)
0.192(4.88)
0.027(0.68)
0.102(2.60)
0.147(3.74)
DIA
0.571(14.50)
0.098(2.50)
0.045(1.14)
0.175(4.44)
0.244(6.20)
0.512(13.00)
0.014(0.35)
0.053(1.34)
0.047(1.20)
PIN
1
2
0.388(9.85)
0.410(10.42)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
T =125 C
°
A
50
-
5
RθJC
A
μ


Similar Part No. - SR10200

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
SR10200 MIC-SR10200 Datasheet
46Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SAMYANG ELECTRONICS CO....
SR10200 SAMYANG-SR10200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SR10200 SECOS-SR10200 Datasheet
197Kb / 2P
   10.0AMP Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
SR10200 SAMYANG-SR10200 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jingheng (Group) ...
SR10200 JINANJINGHENG-SR10200 Datasheet
79Kb / 2P
   SCHOTTKY BARRIER DIODE CHIPS
More results

Similar Description - SR10200

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com