Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD15C Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD15C
Description  Set-top box and digital TV
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD15C Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD15C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD15C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD15C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
3/3
www.leiditech.com
SD15C
Millimeters
Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.040
A1
0.00
0.05
0.10
0.000
0.002
0.004
A3
0.15 REF
0.006 REF
b
0.25
0.32
0.40
0.010
0.012
0.016
C
0.089
0.12
0.177
0.003
0.005
0.007
D
1.60
1.70
1.80
0.062
0.066
0.070
E
1.15
1.25
1.35
0.045
0.049
0.053
L
0.08
0.003
HE
2.30
2.50
2.70
0.090
0.098
0.105
Symbol
Millimeters
Inches
F
1.60
0.063
G
2.85
0.112
J
0.83
0.033
K
0.63
0.025
Soldering Footprint
SOD-323 Package Outline & Dimensions


Similar Part No. - SD15C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD15C SEMTECH-SD15C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
Galaxy Semi-Conductor H...
SD15C BILIN-SD15C Datasheet
211Kb / 5P
   Single Line TVS Diode for ESD
logo
Thinki Semiconductor Co...
SD15C THINKISEMI-SD15C Datasheet
903Kb / 5P
   350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SHIKUES Electronics
SD15C SKTECHNOLGY-SD15C Datasheet
709Kb / 3P
   Bidirectional TVS Diodes
logo
Goodwork Semiconductor ...
SD15C GWSEMI-SD15C Datasheet
1Mb / 2P
   Unidirectional TVS Diodes
More results

Similar Description - SD15C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCDA24C-8 LEIDITECH-LCDA24C-8 Datasheet
223Kb / 3P
   Set-top box and digital TV
SD18C LEIDITECH-SD18C Datasheet
131Kb / 3P
   Set-top box and digital TV
SD12C LEIDITECH-SD12C Datasheet
125Kb / 3P
   Set-top box and digital TV
SD03 LEIDITECH-SD03 Datasheet
140Kb / 3P
   Set-top box and digital TV
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034 Datasheet
1Mb / 61P
   3-Band Digital TV / Set-Top-Box Tuner IC
V 2.5, April 2004
logo
STMicroelectronics
STI5514 STMICROELECTRONICS-STI5514 Datasheet
58Kb / 2P
   Set-top box decoder with hard disk drive capability
for digital TV, digital set-top box or cable box
April 2004
logo
Infineon Technologies A...
TUA6034 INFINEON-TUA6034_06 Datasheet
1Mb / 65P
   3-Band Digital TV / Set-Top-Box Tuner IC TAIFUN
V 2.51, January 2006
logo
Silicon Laboratories
SI2144 SILABS-SI2144 Datasheet
105Kb / 2P
   Worldwide Digital Set-Top Box Tuner
logo
Skyworks Solutions Inc.
SI2124 SKYWORKS-SI2124 Datasheet
190Kb / 2P
   Digital Terrestrial Set-Top Box Tuner
August 9, 2021
SI2144 SKYWORKS-SI2144 Datasheet
195Kb / 2P
   Worldwide Digital Set-Top Box Tuner
August 22, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com