Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD24C Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SD24C
Description  USB 2.0 power and data line
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SD24C Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SD24C Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SD24C Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SD24C Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev : 01.06.2014
3/3
www.leiditech.com
SD24C
Millimeters
Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.80
0.90
1.00
0.031
0.035
0.040
A1
0.00
0.05
0.10
0.000
0.002
0.004
A3
0.15 REF
0.006 REF
b
0.25
0.32
0.40
0.010
0.012
0.016
C
0.089
0.12
0.177
0.003
0.005
0.007
D
1.60
1.70
1.80
0.062
0.066
0.070
E
1.15
1.25
1.35
0.045
0.049
0.053
L
0.08
0.003
HE
2.30
2.50
2.70
0.090
0.098
0.105
Symbol
Millimeters
Inches
F
1.60
0.063
G
2.85
0.112
J
0.83
0.033
K
0.63
0.025
Soldering Footprint
SOD-323 Package Outline & Dimensions


Similar Part No. - SD24C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD24C SEMTECH-SD24C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
SD24C SEMTECH-SD24C Datasheet
152Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Galaxy Semi-Conductor H...
SD24C BILIN-SD24C Datasheet
211Kb / 5P
   Single Line TVS Diode for ESD
logo
Thinki Semiconductor Co...
SD24C THINKISEMI-SD24C Datasheet
903Kb / 5P
   350W Discrete Bi-directional Surface Mount TVS Diode for ESD
logo
SeCoS Halbleitertechnol...
SD24C SECOS-SD24C Datasheet
328Kb / 3P
   ESD Protection (Bi-Directional)
More results

Similar Description - SD24C

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD05A LEIDITECH-SMD05A Datasheet
253Kb / 3P
   USB 2.0 power and data line
SMD24A LEIDITECH-SMD24A Datasheet
252Kb / 3P
   USB 2.0 power and data line
SMDA24C-8 LEIDITECH-SMDA24C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SM08 LEIDITECH-SM08 Datasheet
133Kb / 3P
   USB 2.0 power and data line
ESD9D5V LEIDITECH-ESD9D5V Datasheet
121Kb / 3P
   USB 2.0 power and data line
LC03CI LEIDITECH-LC03CI Datasheet
259Kb / 3P
   USB 2.0 power and data line
LC0511CCW LEIDITECH-LC0511CCW Datasheet
405Kb / 4P
   USB 2.0 power and data line
SMC36 LEIDITECH-SMC36 Datasheet
129Kb / 3P
   USB 2.0 power and data line
SMDA15C-8 LEIDITECH-SMDA15C-8 Datasheet
246Kb / 3P
   USB 2.0 power and data line
SD05 LEIDITECH-SD05 Datasheet
140Kb / 3P
   USB 2.0 power and data line
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com