Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39142B8559P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39142B8559P810
Description  SAW Duplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39142B8559P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39142B8559P810 Datasheet HTML 1Page - TDK Electronics B39142B8559P810 Datasheet HTML 2Page - TDK Electronics B39142B8559P810 Datasheet HTML 3Page - TDK Electronics B39142B8559P810 Datasheet HTML 4Page - TDK Electronics B39142B8559P810 Datasheet HTML 5Page - TDK Electronics B39142B8559P810 Datasheet HTML 6Page - TDK Electronics B39142B8559P810 Datasheet HTML 7Page - TDK Electronics B39142B8559P810 Datasheet HTML 8Page - TDK Electronics B39142B8559P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
July 20, 2012
B8559
1437.90 / 1485.90 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –20 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω II 6.8nH
RX terminating impedance:
ZRX = 100 Ω (Balanced)
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT - RX
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
1485.9
MHz
Maximum insertion attenuation
1475.9
... 1485.9
MHz
1.8
2.5
dB
1485.9
... 1495.9
MHz
1.9
2.5
dB
Amplitude ripple (p-p)
1475.9
... 1485.9
MHz
0.3
1.0
dB
1485.9
... 1495.9
MHz
0.3
1.0
dB
Input VSWR (ANT port)
1475.9
... 1495.9
MHz
1.6
2.0
Output VSWR (RX port)
1475.9
... 1495.9
MHz
1.7
2.0
Common Mode Rejection Ratio CMRR
1475.9
... 1495.9
MHz
201)
1) A combination of 10o phase balance and 1dB amplitude balance corresponds to 19.6 dB CMRR.
32
dB


Similar Part No. - B39142B8559P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39142B8560P810 TDK-B39142B8560P810 Datasheet
332Kb / 11P
   SAW Components
More results

Similar Description - B39142B8559P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com