Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1896EUT-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1896EUT-T
Description  1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1896EUT-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1896EUT-T Datasheet HTML 1Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 2Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 3Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 4Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 5Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 6Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 7Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 8Page - Maxim Integrated Products MAX1896EUT-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.4MHz SOT23 Current-Mode
Step-Up DC-DC Converter
_______________________________________________________________________________________
5
Pin Description
Typical Operating Characteristics (continued)
(Circuit of Figure 1, VIN = 3.3V, TA = +25°C, unless otherwise noted.)
SHDN
5V/div
OUTPUT
VOLTAGE
5V/div
IOUT = 100mA
INDUCTOR
CURRENT
500mA/div
2ms/div
VIN = 3.3V, CSS = 33nF,
COUT = 3.3µF TANTALUM + 0.1µF CERAMIC
CIRCUIT OF FIGURE 3
STARTUP WAVEFORM
WITH SOFT-START
LX VOLTAGE
5V/div
OUTPUT
VOLTAGE
AC-COUPLED
200mV/div
INDUCTOR
CURRENT
500mA/div
400ns/div
VIN = 5V,
COUT = 0.1µF CERAMIC + 2.2µF CERAMIC
SWITCHING WAVEFORM
IOUT = 150mA
600
500
VOUT = 5V
VOUT = 12V
300
400
100
200
0
2.5
4.0
3.0
3.5
4.5
5.0
5.5
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAXIMUM OUTPUT
CURRENT DEFINED AT
90% OF NO LOAD
OUTPUT VOLTAGE
PIN
NAME
FUNCTION
1LX
Power Switching Connection. Connect LX to the inductor and output rectifier. Connect components
as close to LX as possible.
2
GND
Ground
3FB
Feedback Input. Connect a resistive voltage-divider from the output to FB to set the output voltage.
See the Setting the Output Voltage section.
4
SHDN
Shutdown Input. Drive SHDN low to turn off the converter. To automatically start the converter,
connect SHDN to IN. Drive SHDN with a slew rate of 0.1V/µs or greater. Do not leave SHDN
unconnected. SHDN draws up to 50µA.
5SS
Soft-Start Input. Connect a soft-start capacitor from SS to GND to soft-start the converter. Leave SS
open to disable the soft-start function. See the Soft-Start section.
6IN
Internal Bias Voltage Input. Connect IN to the input voltage source. Bypass IN to GND with a
1µF or greater capacitor as close to IN as possible.


Similar Part No. - MAX1896EUT-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX189 MAXIM-MAX189 Datasheet
177Kb / 20P
   5V, Low-Power, 12-Bit Serial ADCs
19-0196; Rev 0; 10/93
MAX189 MAXIM-MAX189 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
MAX1894 MAXIM-MAX1894 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894-MAX1924 MAXIM-MAX1894-MAX1924 Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
MAX1894XEEE MAXIM-MAX1894XEEE Datasheet
308Kb / 16P
   Advanced Li Battery-Pack Protectors
Rev 0; 4/02
More results

Similar Description - MAX1896EUT-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
Linear Technology
LT1618 LINER-LT1618_1 Datasheet
210Kb / 16P
   Constant-Current/Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618 Datasheet
202Kb / 12P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618 LINER-LT1618_15 Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EMSPBF LINER-LT1618EMSPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
LT1618EDDPBF LINER-LT1618EDDPBF Datasheet
215Kb / 16P
   Constant-Current/ Constant-Voltage 1.4MHz Step-Up DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Analog Intergrations Co...
AIC1899 AIC-AIC1899 Datasheet
232Kb / 10P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com