Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39182B8019P810 Datasheet(PDF) 5 Page - TDK Electronics

Part # B39182B8019P810
Description  SAW Duplexer for Femtocell and Smallcell
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39182B8019P810 Datasheet(HTML) 5 Page - TDK Electronics

  B39182B8019P810 Datasheet HTML 1Page - TDK Electronics B39182B8019P810 Datasheet HTML 2Page - TDK Electronics B39182B8019P810 Datasheet HTML 3Page - TDK Electronics B39182B8019P810 Datasheet HTML 4Page - TDK Electronics B39182B8019P810 Datasheet HTML 5Page - TDK Electronics B39182B8019P810 Datasheet HTML 6Page - TDK Electronics B39182B8019P810 Datasheet HTML 7Page - TDK Electronics B39182B8019P810 Datasheet HTML 8Page - TDK Electronics B39182B8019P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
October 23, 2014
B8019
1747.5 / 1842.5 MHz
SAW Components
SAW Duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Antenna terminating impedance:
ZANT=50 Ω || 3.6 nH
RX terminating impedance:
ZRX =50 Ω|| 9.1 nH
TX terminating impedance:
ZTX =50 Ω|| 8.2 nH
Maximum Ratings
Characteristics TX-RX
min.
typ.
@ 25 ˚C
max.
Attenuation
α
1710.0
... 1745.0
MHz
43
46
-
dB
1745.0
... 1780.0
MHz
45
49
-
dB
1780.0
... 1785.0
MHz
37
49
-
dB
1805.0
... 1840.0
MHz
40
43
-
dB
1840.0
... 1880.0
MHz
45
48
-
dB
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) According to JESD22-A115A (machine model), 1 negative and 1 positive pulses.
V
machine model, 1 pulse
Input power at pin 1
source and load impedance 50
1805.0 ...1880.0 MHz
Pin
27
dBm
LTE 5 MHz downlink
average power
T = 55˚C, 50.000 h
elsewhere
Pin
10
dBm
}


Similar Part No. - B39182B8019P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8018P810 TDK-B39182B8018P810 Datasheet
237Kb / 12P
   SAW Duplexer for Smallcell
More results

Similar Description - B39182B8019P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8018P810 TDK-B39182B8018P810 Datasheet
237Kb / 12P
   SAW Duplexer for Smallcell
B39881B7925P810 TDK-B39881B7925P810 Datasheet
191Kb / 11P
   SAW Duplexer for femtocell
B39741B8017P810 TDK-B39741B8017P810 Datasheet
226Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39212B8092P810 TDK-B39212B8092P810 Datasheet
243Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39781B8005P810 TDK-B39781B8005P810 Datasheet
223Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39781B8006P810 TDK-B39781B8006P810 Datasheet
223Kb / 12P
   SAW Components SAW Duplexer for Smallcell
B39781B7940P810 TDK-B39781B7940P810 Datasheet
218Kb / 12P
   SAW Components SAW Duplexer for femtocell
B39212B8094P810 TDK-B39212B8094P810 Datasheet
251Kb / 12P
   SAW Components SAW Duplexer for Femtocell
B39212B8637P810 TDK-B39212B8637P810 Datasheet
237Kb / 12P
   SAW Components SAW Duplexer for Femtocell
B39262B7943P810 TDK-B39262B7943P810 Datasheet
229Kb / 12P
   SAW Components SAW Duplexer for Femtocell
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com