Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39182B8529P810 Datasheet(PDF) 3 Page - TDK Electronics

Part # B39182B8529P810
Description  SAW Duplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39182B8529P810 Datasheet(HTML) 3 Page - TDK Electronics

  B39182B8529P810 Datasheet HTML 1Page - TDK Electronics B39182B8529P810 Datasheet HTML 2Page - TDK Electronics B39182B8529P810 Datasheet HTML 3Page - TDK Electronics B39182B8529P810 Datasheet HTML 4Page - TDK Electronics B39182B8529P810 Datasheet HTML 5Page - TDK Electronics B39182B8529P810 Datasheet HTML 6Page - TDK Electronics B39182B8529P810 Datasheet HTML 7Page - TDK Electronics B39182B8529P810 Datasheet HTML 8Page - TDK Electronics B39182B8529P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
December 11, 2014
B8529
1747.5 / 1842.5 MHz
SAW Components
SAW Duplexer
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –30 ˚C to +85 ˚C
ANT terminating impedance:
ZANT =50 Ω|| 3.5 nH
RX terminating impedance:
ZRX = 100 Ω (balanced) +1 nH || 12 nH
TX terminating impedance:
ZTX =50 Ω
Characteristics TX-ANT 1)
min.
typ.
@ 25˚C
max.
Center frequency
fC
1747.5
MHz
Maximum insertion attenuation
α
max
1712.5
... 1782.5
MHz
α
LTE
2)3)
2.0
3.0
dB
1712.5
... 1782.5
MHz
α
LTE
2)
2.0
3.7
dB
Amplitude ripple per 5MHz channel
∆α
1710.24 ... 1784.76 MHz
0.6
dB
Input VSWR (Tx port)
1710.24 ... 1784.76 MHz 3)
1.5
2.0
1710.24 ... 1784.76 MHz
1.5
3.4
Output VSWR (Ant Port)
1710.24 ... 1784.76 MHz 3)
1.4
2.0
1710.24 ... 1784.76 MHz
1.4
2.4
Attenuation
α
10.0
... 1565.42 MHz
35
38
dB
703.0
...
748.0
MHz
40
46
dB
716.0
...
756.0
MHz
40
46
dB
814.0
...
849.0
MHz
39
44
dB
824.0
...
849.0
MHz
39
44
dB
830.0
...
845.0
MHz
39
44
dB
832.0
...
862.0
MHz
39
43
dB
880.0
...
915.0
MHz
38
42
dB
925.0
...
960.0
MHz
38
41
dB
1226.0
... 1250.0
MHz
35
38
dB
1496.0
... 1511.0
MHz
38
42
dB
1559.0
... 1563.0
MHz
42
50
dB
1565.42 ... 1573.374MHz
42
50
dB
1573.374... 1577.466MHz
42
48
dB
1577.466... 1585.42 MHz
40
47
dB
1597.5515...1605.886MHz
37
43
dB
1605.886... 1680.0
MHz
20
34
dB
1807.5
... 1877.5
MHz
α
LTE
2)
44
55
dB
1920.0
... 1980.0
MHz
24
32
dB
2110.0
... 2170.0
MHz
24
33
dB


Similar Part No. - B39182B8529P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
B39182B8562P810 TDK-B39182B8562P810 Datasheet
371Kb / 15P
   SAW Duplexer
More results

Similar Description - B39182B8529P810

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39182B8656P810 TDK-B39182B8656P810 Datasheet
239Kb / 14P
   SAW Duplexer SAW Duplexer
B39881B8616P810 TDK-B39881B8616P810 Datasheet
305Kb / 13P
   SAW Duplexer
B39881B8652P810 TDK-B39881B8652P810 Datasheet
272Kb / 15P
   SAW Duplexer
B39881B8547P810 TDK-B39881B8547P810 Datasheet
275Kb / 15P
   SAW Duplexer
B39881B8556P810 TDK-B39881B8556P810 Datasheet
233Kb / 15P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD003 ACT-ACTFD003 Datasheet
240Kb / 8P
   SAW DUPLEXER
2015
ACTFD007 ACT-ACTFD007 Datasheet
259Kb / 7P
   SAW DUPLEXER
2015
logo
TDK Electronics
B39182B8561P810 TDK-B39182B8561P810 Datasheet
276Kb / 13P
   SAW Duplexer
logo
Advanced Crystal Techno...
ACTFD005 ACT-ACTFD005 Datasheet
256Kb / 8P
   SAW Duplexer
2014
logo
TDK Electronics
B39182B8533P810 TDK-B39182B8533P810 Datasheet
329Kb / 14P
   SAW Duplexer
B39182B8557P810 TDK-B39182B8557P810 Datasheet
291Kb / 15P
   SAW Duplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com