Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963AET Datasheet(PDF) 1 Page - Linear Technology

Part # LT1963AET
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AET Datasheet(HTML) 1 Page - Linear Technology

  LT1963AET Datasheet HTML 1Page - Linear Technology LT1963AET Datasheet HTML 2Page - Linear Technology LT1963AET Datasheet HTML 3Page - Linear Technology LT1963AET Datasheet HTML 4Page - Linear Technology LT1963AET Datasheet HTML 5Page - Linear Technology LT1963AET Datasheet HTML 6Page - Linear Technology LT1963AET Datasheet HTML 7Page - Linear Technology LT1963AET Datasheet HTML 8Page - Linear Technology LT1963AET Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1963A Series
1963af
TYPICAL APPLICATION
APPLICATIO S
FEATURES
DESCRIPTIO
1.5A, Low Noise,
Fast Transient Response
LDO Regulators
Optimized for Fast Transient Response
Output Current: 1.5A
Dropout Voltage: 340mV
Low Noise: 40
mVRMS (10Hz to 100kHz)
1mA Quiescent Current
No Protection Diodes Needed
Controlled Quiescent Current in Dropout
Fixed Output Voltages: 1.5V, 1.8V, 2.5V, 3.3V
Adjustable Output from 1.21V to 20V
<1
mA Quiescent Current in Shutdown
Stable with 10
mF Output Capacitor
Stable with Ceramic Capacitors
Reverse Battery Protection
No Reverse Current
Thermal Limiting
The LT
®1963A series are low dropout regulators opti-
mized for fast transient response. The devices are capable
of supplying 1.5A of output current with a dropout voltage
of 340mV. Operating quiescent current is 1mA, dropping
to < 1
mAinshutdown.Quiescentcurrentiswellcontrolled;
it does not rise in dropout as it does with many other
regulators. In addition to fast transient response, the
LT1963A regulators have very low output noise which
makes them ideal for sensitive RF supply applications.
Output voltage range is from 1.21V to 20V. The LT1963A
regulators are stable with output capacitors as low as
10
mF. Small ceramic capacitors can be used without the
necessary addition of ESR as is common with other
regulators. Internal protection circuitry includes reverse
battery protection, current limiting, thermal limiting and
reverse current protection. The devices are available in
fixed output voltages of 1.5V, 1.8V, 2.5V, 3.3V and as an
adjustable device with a 1.21V reference voltage. The
LT1963A regulators are available in 5-lead TO-220, DD,
3-lead SOT-223 and 8-lead SO packages.
3.3V to 2.5V Regulator
3.3V to 2.5V Logic Power Supplies
Post Regulator for Switching Supplies
, LTC and LT are registered trademarks of Linear Technology Corporation.
IN
SHDN
10
µF*
*TANTALUM,
CERAMIC OR
ALUMINUM ELECTROLYTIC
1963 TA01
OUT
VIN > 3V
SENSE
GND
LT1963A-2.5
2.5V
1.5A
10
µF*
+
+
OUTPUT CURRENT (A)
0
200
300
1.6
1963 TA02
100
0
0.4
0.8
1.2
0.2
0.6
1.0
1.4
400
150
250
50
350
Dropout Voltage


Similar Part No. - LT1963AET

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AET LINER-LT1963AET Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AET LINER-LT1963AET Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AET LINER-LT1963AET Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AET LINEAR-LT1963AET Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET LINEAR-LT1963AET Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AET

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com