Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963AET-3.3 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1963AET-3.3
Description  1.5A, Low Noise, Fast Transient Response LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AET-3.3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1963AET-3.3 Datasheet HTML 5Page - Linear Technology LT1963AET-3.3 Datasheet HTML 6Page - Linear Technology LT1963AET-3.3 Datasheet HTML 7Page - Linear Technology LT1963AET-3.3 Datasheet HTML 8Page - Linear Technology LT1963AET-3.3 Datasheet HTML 9Page - Linear Technology LT1963AET-3.3 Datasheet HTML 10Page - Linear Technology LT1963AET-3.3 Datasheet HTML 11Page - Linear Technology LT1963AET-3.3 Datasheet HTML 12Page - Linear Technology LT1963AET-3.3 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1963A Series
1963af
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
10
5
0
–5
–10
–15
–20
25
75
1963 G34
–25
0
50
100
125
LT1963A
LT1963A-3.3
LT1963A-1.8
LT1963A-2.5
LT1963A-1.5
VIN = VOUT(NOMINAL) +1V
(LT1963A-1.8/-2.5/-3.3)
VIN = 2.7V (LT1963A/LT1963A-1.5)
∆IL = 1mA TO 1.5A
FREQUENCY (Hz)
10
0.01
0.1
1.0
1k
100k
1963 G35
100
10k
COUT = 10
µF
IL =1.5A
LT1963A-3.3
LT1963A-2.5
LT1963A-1.8
LT1963A
LT1963A-1.5
LOAD CURRENT (A)
50
45
40
35
30
25
20
15
10
5
0
0.0001
0.01
0.1
10
1063 G36
0.001
1
COUT = 10
µF
LT1963A-3.3
LT1963A-2.5
LT1963A-1.8
LT1963A-1.5
LT1963A
VOUT
100
µV/DIV
1ms/DIV
COUT = 10
µF
ILOAD = 1.5A
1963 G37
TIME (
µs)
200
150
100
50
0
–50
–100
0.6
0.4
0.2
0
1963 G38
0246
8
10 12 14
16 18 20
VIN = 4.3V
CIN = 3.3
µF TANTALUM
COUT = 10
µF TANTALUM
TIME (
µs)
150
100
50
0
–50
–100
–150
1.5
1.0
0.5
0
1963 G39
050 100 150
250 300 350 400 450 500
200
VIN = 4.3V
CIN = 33
µF TANTALUM
COUT = 100
µF TANTALUM
+10
1
µF CERAMIC
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Load
Current (10Hz to 100kHz)
LT1963A-3.3 10Hz to 100kHz Output Noise
LT1963A-3.3 Transient Response
LT1963A-3.3 Transient Response


Similar Part No. - LT1963AET-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AET-3.3 LINER-LT1963AET-3.3 Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963AET-3.3 LINER-LT1963AET-3.3 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AET-3.3 LINER-LT1963AET-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AET-3.3 LINEAR-LT1963AET-3.3 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AET-3.3 LINEAR-LT1963AET-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AET-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A Datasheet
777Kb / 28P
   1.5A, Low Noise,Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com