Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39182B9441M410 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39182B9441M410
Description  SAW Tx Filter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39182B9441M410 Datasheet(HTML) 4 Page - TDK Electronics

  B39182B9441M410 Datasheet HTML 1Page - TDK Electronics B39182B9441M410 Datasheet HTML 2Page - TDK Electronics B39182B9441M410 Datasheet HTML 3Page - TDK Electronics B39182B9441M410 Datasheet HTML 4Page - TDK Electronics B39182B9441M410 Datasheet HTML 5Page - TDK Electronics B39182B9441M410 Datasheet HTML 6Page - TDK Electronics B39182B9441M410 Datasheet HTML 7Page - TDK Electronics B39182B9441M410 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Jul 23, 2009
B9441
1767.4 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx Filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
50 1)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulses.
V
machine model, 1 pulse
Input Power at
KPCS & UMTS
PIN
13
dBm
continuous wave
Tx bands


Similar Part No. - B39182B9441M410

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39182B9441M410 EPCOS-B39182B9441M410 Datasheet
102Kb / 8P
   SAW Tx Filter KPCS & UMTS 1700
More results

Similar Description - B39182B9441M410

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B39192B9458P810 TDK-B39192B9458P810 Datasheet
130Kb / 8P
   SAW Tx filter
B39901B9893P810 TDK-B39901B9893P810 Datasheet
134Kb / 9P
   SAW Tx filter
B39901B4330P810 TDK-B39901B4330P810 Datasheet
92Kb / 7P
   SAW Tx Filter
B39871B5059U410 TDK-B39871B5059U410 Datasheet
230Kb / 8P
   SAW Tx filter
B39192B8815P810 TDK-B39192B8815P810 Datasheet
183Kb / 10P
   SAW Tx filter
B39192B9459P810 TDK-B39192B9459P810 Datasheet
129Kb / 9P
   SAW TX Filter
B39202B9872P810 TDK-B39202B9872P810 Datasheet
147Kb / 8P
   SAW Components SAW Tx Filter
B39202B9414M410 TDK-B39202B9414M410 Datasheet
94Kb / 8P
   SAW Components SAW Tx Filter
B39252B4332P810 TDK-B39252B4332P810 Datasheet
80Kb / 8P
   SAW Components SAW Tx Filter
B39172B4331P810 TDK-B39172B4331P810 Datasheet
137Kb / 9P
   SAW Components SAW Tx filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com