Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC506AU Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # MPC506AU
Description  Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

MPC506AU Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button MPC506AU Datasheet HTML 6Page - Burr-Brown (TI) MPC506AU Datasheet HTML 7Page - Burr-Brown (TI) MPC506AU Datasheet HTML 8Page - Burr-Brown (TI) MPC506AU Datasheet HTML 9Page - Burr-Brown (TI) MPC506AU Datasheet HTML 10Page - Burr-Brown (TI) MPC506AU Datasheet HTML 11Page - Burr-Brown (TI) MPC506AU Datasheet HTML 12Page - Burr-Brown (TI) MPC506AU Datasheet HTML 13Page - Burr-Brown (TI) MPC506AU Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MPC506A, MPC507A
10
SBFS018A
www.ti.com
PERFORMANCE CHARACTERISTICS AND TEST CIRCUITS (CONT)
T
A = +25°C, VS = ±15V,
V
AM = +4V,
V
AL = 0.8V and VREF = Open, unless otherwise noted.
ACCESS TIME WAVEFORM
V
A Input
2V/Div
Output A
5V/Div
200ns/Div
V
AH
4.0V
0V
10V
t
A
1/2V
AH
10V
90%
Address
Drive (V
A)
8
6
4
2
0
100
1k
10k
100k
1M
10M
Toggle Frequency (Hz)
V
S = ±10V
MPC506A(1)
GND
In 2 Thru In 15
In 1
In 16
Out
A
3
A
2
A
1
A
0
En
10M
+4V
14pF
NOTE: (1) Similar connection for MPC507A.
A
A
–I
SUPPLY
–15V/–10V
–V
±10V/±5V
+I
SUPPLY
+15V/+10V
50
V
A
SUPPLY CURRENT vs TOGGLE FREQUENCY
V
S = ±15V
±10V/±5V
+V
MPC
506A(1)
GND
In 2 Thru
In 15
In 1
In 16
Out
A
3
A
2
A
1
A
0
En
10M
50
+4V
14pF
V
A
NOTE: (1) Similar connection for MPC507A.
–V
–10V
1000
900
800
700
600
500
400
300
3456789
10
11
12
13
14
15
Logic Level High (V)
V
REF = Open for logic high levels ≤ 6V
V
REF = Logic high for logic high levels > 6V
ACCESS TIME vs LOGIC LEVEL (High)
Probe
+10V
–15V
+15V
V
REF
+V


Similar Part No. - MPC506AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC506AU TI-MPC506AU Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC506AU1K TI-MPC506AU1K Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC506AU1KG4 TI-MPC506AU1KG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
More results

Similar Description - MPC506AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
[Old version datasheet]   Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
DG406883 INTERSIL-DG406883 Datasheet
826Kb / 13P
   Single 16-Channel/Differential 8-Channel CMOS Analog Multiplexers
DG406 INTERSIL-DG406_06 Datasheet
552Kb / 13P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Renesas Technology Corp
DG406 RENESAS-DG406 Datasheet
948Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
logo
Intersil Corporation
DG406DJZ INTERSIL-DG406DJZ Datasheet
604Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
October 1, 2013
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Texas Instruments
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com