Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FG11X7R1E475KNT0 Datasheet(PDF) 5 Page - TDK Electronics

Part # FG11X7R1E475KNT0
Description  MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FG11X7R1E475KNT0 Datasheet(HTML) 5 Page - TDK Electronics

  FG11X7R1E475KNT0 Datasheet HTML 1Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 2Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 3Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 4Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 5Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 6Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 7Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 8Page - TDK Electronics FG11X7R1E475KNT0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
(5/31)
20150604 / leadmlcc_halogenfree_fg_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Overview of the FG Series
RECOMMENDED FLOW PROFILE
Preheating
Peak
Natural cooling
Temp.
Time
Temp.
Time
Time
T1
t1
T2
t2
t3
110°C min.
Over 60s.
260°C
Within 5s.
Over 60s.
Natural
cooling
Preheating
Soldering
T2
T1
t: Time
t1
t2
t3


Similar Part No. - FG11X7R1E475KNT0

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FG110 FARADAY-FG110 Datasheet
77Kb / 2P
   GAUSSIAN FILTERS
FG115 FARADAY-FG115 Datasheet
77Kb / 2P
   GAUSSIAN FILTERS
More results

Similar Description - FG11X7R1E475KNT0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA18NP01H121JNU00 TDK-FA18NP01H121JNU00 Datasheet
238Kb / 26P
   MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com